Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C18 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BZX85C18
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX85C18 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BZX85C18 Datasheet HTML 1Page - Fairchild Semiconductor BZX85C18 Datasheet HTML 2Page - Fairchild Semiconductor BZX85C18 Datasheet HTML 3Page - Fairchild Semiconductor BZX85C18 Datasheet HTML 4Page - Fairchild Semiconductor BZX85C18 Datasheet HTML 5Page - Fairchild Semiconductor BZX85C18 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BZX85C3V3 - BZX85C56 Rev. 1.1.0
2
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
1. Zener Voltage (VZ): The zener voltage is measured with the device junction in the thermal equilibrium
at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
Device
Zener Voltage(1)
Zener Impedance
Leakage Current
VZ (V)
IZ
ZZ @ IZ
ZZK @ IZK
IR @ VR
Min.
Max.
mA
(
Ω)
(
Ω)(mA)
μA Max.
Volts
BZX85C3V3
BZX85C3V6
BZX85C3V9
BZX85C4V3
BZX85C4V7
3.1
3.4
3.7
4.0
4.4
3.5
3.8
4.1
4.6
5
80
60
60
50
45
20
15
15
13
13
400
500
500
500
600
1
1
1
1
1
60
30
5
3
3
1
1
1
1
1.5
BZX85C5V1
BZX85C5V6
BZX85C6V2
BZX85C6V8
BZX85C7V5
4.8
5.2
5.8
6.4
7.0
5.4
6
6.6
7.2
7.9
45
45
35
35
35
10
7
4
3.5
3
500
400
300
300
200
1
1
1
1
0.5
1
1
1
1
1
2
2
3
4
4.5
BZX85C8V2
BZX85C9V1
BZX85C10
BZX85C11
BZX85C12
7.7
8.5
9.4
10.4
11.4
8.7
9.6
10.6
11.6
12.7
25
25
25
20
20
5
5
7
8
9
200
200
200
300
350
0.5
0.5
0.5
0.5
0.5
1
1
0.5
0.5
0.5
5
6.5
7
7.7
8.4
BZX85C13
BZX85C15
BZX85C16
BZX85C18
BZX85C20
12.4
13.8
15.3
16.8
18.8
14.1
15.6
17.1
19.1
21.2
20
15
15
15
10
10
15
15
20
24
400
500
500
500
600
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
9.1
10.5
11
12.5
14
BZX85C22
BZX85C24
BZX85C27
BZX85C30
BZX85C33
20.8
22.8
25.1
28
31
23.3
25.6
28.9
32
35
10
10
8
8
8
25
25
30
30
35
600
600
750
1000
1000
0.5
0.5
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
15.5
17
19
21
23
BZX85C36
BZX85C39
BZX85C43
BZX85C47
BZX85C51
34
37
40
44
48
38
41
46
50
54
8
6
6
4
4
40
45
50
90
115
1000
1000
1000
1500
1500
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
25
27
30
33
36
BZX85C56
52
60
4
120
2000
0.25
0.5
39
VF Forward Voltage = 1.2 V Max @ IF = 200 mA


Similar Part No. - BZX85C18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C18 VISHAY-BZX85C18 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C18 RECTRON-BZX85C18 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
Continental Device Indi...
BZX85C18 CDIL-BZX85C18 Datasheet
108Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C18 FAIRCHILD-BZX85C18 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C18 TSC-BZX85C18 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results

Similar Description - BZX85C18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com