Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSM-2002TM2N Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KSM-2002TM2N
Description  Optic receiver module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KSM-2002TM2N Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KSM-2002TM2N Datasheet HTML 1Page - KODENSHI_AUK CORP. KSM-2002TM2N Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optic receiver module
[Ta=25℃]
[Ta=25℃, Vcc=5.0V]
*1. It specifies the maxmum distance between emitter and detector that the output wave form satisfies the standard under the conditions
below against the standard transmitter.
1) Measuring place
: Indoor without extreme reflection of light
2) Ambient light source : Detecting surface illumination shall be irradiate 200±50lx under ordinary white fluorescence lamp without
high frequency lightning
3) Standard transmitter : Burst wave of standard transmitter shall be arranged to 50mVP-P under the measuring circuit
1/2
Model No.
B.P.F Center Frequency(㎑)
Soldering Temperature
Tsol
260
Storage Temperature
Tstg
-20 ~ +75
Operating Temperature
Topr
-10 ~ +60
KSM-200□TM2N
Parameter
Symbol
Ratings
Unit
Supply Voltage
Vcc
6.0
V
Output Form
KSM-2005TM2N
56.9
Parameter
Symbol
Condition
Active Low Output
Min.
Typ.
KSM-2001TM2N
40.0
KSM-2002TM2N
36.7
KSM-2003TM2N
37.9
KSM-2004TM2N
32.7
Max.
Unit
Recommended Supply Voltage
Vcc
(Max 5 sec)
4.5
5
5.5
V
Current Consumption
Icc
No signal input
-
1.2
2.2
Peak Wavelength
*1
λp
-
940
-
B.P.F Center Frequency
fo
-
37.9
-
4.5
L
m
17
-
-
14
-
±30˚
-
Transmission Distance
*1
250±50lx
High level Output voltage
*1
VOH
30cm over
V
Low level Output voltage
*1
VOL
the ray axis
-
0.1
0.5
V
5.0
-
High level Output Pulse Width *1
TWH
Burst wave=600㎲
500
600
700
Low level Output Pulse Width *1
TWL
Period = 1.2㎳
500
600
700
The KSM-200□TM2N consist of a PIN Photodiode of high
speed and a preamplifier IC in the package as an receiver
for Infrared remote control systems
Features
One mold mini size package
Supply-voltage range : 4.5V to 5.5V
Shielded against electrical field disturbance
Enhanced immunity against ambient light disturbances
Enhanced reception distance
Continuous data transmission possible (NRZ 1000 bit/s)
Available for carrier frequencies between 32.7KHz to 56.9KHz
TTL and CMOS compatible
Applications
Audio & Video Applications (TV, VTR, Audio, DVDP, CDP)
Home Appliances (Air conditioner, Computer, Camcoder)
Wireless Toys
Remote Control Equipment
Maximum Ratings
Electro-Optical Characteristics
DIMENSIONS
B.P.F Center Frequency


Similar Part No. - KSM-2002TM2N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSM-2002TM2E KODENSHI-KSM-2002TM2E Datasheet
162Kb / 2P
   Optic receiver module
More results

Similar Description - KSM-2002TM2N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSM-911TH5N KODENSHI-KSM-911TH5N Datasheet
213Kb / 2P
   Optic receiver module
KSM-911TM2 KODENSHI-KSM-911TM2 Datasheet
168Kb / 2P
   Optic receiver module
KSM-951TM4Y KODENSHI-KSM-951TM4Y Datasheet
223Kb / 2P
   Optic receiver module
KSM-961LM4Y KODENSHI-KSM-961LM4Y Datasheet
165Kb / 2P
   Optic receiver module
KSM-961TM4Y KODENSHI-KSM-961TM4Y Datasheet
224Kb / 2P
   Optic receiver module
KSM-2001LM2E KODENSHI-KSM-2001LM2E Datasheet
157Kb / 2P
   Optic receiver module
KSM-2001LM2N KODENSHI-KSM-2001LM2N Datasheet
190Kb / 2P
   Optic receiver module
KSM-2001LN2N KODENSHI-KSM-2001LN2N Datasheet
184Kb / 2P
   Optic receiver module
KSM-901LM1Y KODENSHI-KSM-901LM1Y Datasheet
168Kb / 2P
   Optic receiver module
KSM-901LM KODENSHI-KSM-901LM Datasheet
182Kb / 2P
   Optic receiver module
KSM-901TM1N KODENSHI-KSM-901TM1N Datasheet
233Kb / 2P
   Optic receiver module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com