Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54AC257L Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC257L
Description  Quad 2-Input Multiplexer with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC257L Datasheet(HTML) 6 Page - National Semiconductor (TI)

  54AC257L Datasheet HTML 1Page - National Semiconductor (TI) 54AC257L Datasheet HTML 2Page - National Semiconductor (TI) 54AC257L Datasheet HTML 3Page - National Semiconductor (TI) 54AC257L Datasheet HTML 4Page - National Semiconductor (TI) 54AC257L Datasheet HTML 5Page - National Semiconductor (TI) 54AC257L Datasheet HTML 6Page - National Semiconductor (TI) 54AC257L Datasheet HTML 7Page - National Semiconductor (TI) 54AC257L Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AC Electrical Characteristics (Continued)
54ACT
Symbol
Parameter
V
CC
T
A = −55˚C
Units
(V)
to +125˚C
(Note 10)
C
L = 50 pF
t
PZL
Output Enable Time
5.0
1.0
9.5
ns
t
PHZ
Output Disable Time
5.0
1.0
10.5
ns
t
PLZ
Output Disable Time
5.0
1.0
9.5
ns
Note 10: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
50.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6


Similar Part No. - 54AC257L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

Similar Description - 54AC257L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258ADM NSC-54F258ADM Datasheet
159Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54AC258 TI1-54AC258 Datasheet
188Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258A TI1-54F258A Datasheet
409Kb / 10P
[Old version datasheet]   54F258A 74F258A Quad 2-Input Multiplexer with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com