Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37211M2-704SP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M37211M2-704SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37211M2-704SP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M37211M2-704SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
MITSUBISHI MICROCOMPUTERS
M37210M3-XXXSP/FP, M37210M4-XXXSP, M37211M2-XXXSP
M37210E4-XXXSP/FP, M37210E4SP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
10
Fig. 5 Interrupt control
Fig. 4 Structure of interrupt-related registers
Interrupt request bit
Interrupt enable bit
Interrupt disable flag (I)
BRK instruction
reset
interrupt request
INT1 interrupt enable bit
INT2 interrupt enable bit
Serial I/O1 interrupt enable bit
Fix this bit to “0”
f(XIN)/4096 interrupt enable bit
Fix these bits to “0”
70
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Timer 3 interrupt request bit
Timer 4 interrupt request bit
CRT interrupt request bit
VSYNC interrupt request bit
Interrupt request register 1
(IREQ1 : address 00FC16)
70
INT1 interrupt request bit
INT2 interrupt request bit
Serial I/O1 interrupt request bit
f(XIN)/4096 interrupt request bit
Fix this bit to “0”
Interrupt request register 2
(IREQ2 : address 00FD16)
70
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
Timer 3 interrupt enable bit
Timer 4 interrupt enable bit
CRT interrupt enable bit
VSYNC interrupt enable bit
Fix these bits to “0”
Interrupt control register 1
(ICON1 : address 00FE16)
70
Interrupt control register 2
(ICON2 : address 00FF16)
0 : No interrupt request issued
1 : Interrupt request issued
0 : Interrupt disabled
1 : Interrupt enabled
0
000
00


Similar Part No. - M37211M2-704SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37211M2-XXXSP RENESAS-M37211M2-XXXSP Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37211M2-704SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com