Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37211M2-704SP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M37211M2-704SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37211M2-704SP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M37211M2-704SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37211M2-704SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
MITSUBISHI MICROCOMPUTERS
M37210M3-XXXSP/FP, M37210M4-XXXSP, M37211M2-XXXSP
M37210E4-XXXSP/FP, M37210E4SP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
5
PIN DESCRIPTION
Pin
VCC,
VSS
CNVSS
RESET
XIN
XOUT
φ
P00 – P07
P11 – P14
P15 – P17
P20 – P27
P30, P31
P32 – P35
P40, P41
P42
P60 – P63
OSC1,
OSC2
HSYNC
VSYNC
R, G, B,
OUT
D-A
Name
Power source voltage
CNVSS
Reset input
Clock input
Clock output
Timing output
I/O port P0
I/O port P1
Input port P1
I/O port P2
I/O port P3
Input port P3
I/O port P4
Input port P4
Output port P6
Clock input for CRT
display
Clock output for CRT
display
HSYNC input
VSYNC input
CRT output
DA Output
Input /
Output
Input
Input
Output
Output
I/O
I/O
Input
I/O
I/O
Input
I/O
Input
Output
Input
Output
Input
Input
Output
Output
Functions
Apply voltage of 5V ± 10% to VCC, and 0V to VSS.
This is connected to VSS.
To enter the reset state, the reset input pin must be kept at a “L” for 2
µs or more (under nor-
mal VCC conditions).
If more time is needed for the crystal oscillator to stabilize, this “L” condition should be main-
tained for the required time.
This chip has an internal clock generating circuit. To control generating frequency, an exter-
nal ceramic resonator or a quartz-crystal oscillator is connected between the XIN and
XOUT pins. If an external clock is used, the clock source should be connected the XIN pin and
the XOUT pin should be left open.
This is the timing output pin.
Port P0 is an 8-bit I/O port with directional registers allowing each I/O bit to be individually
programmed as input or output. At reset, this port is set to input mode. The output structure
is CMOS output.
The output structure is N-channel open-drain output. When PWM4, PWM5, PWM6 and
PWM7 are used, P00, P01, P02 and P03 are in common with PWM output pins of PWM4,
PWM5, PWM6 and PWM7.
Ports P10, P11, P12, P13 and P14 are 5-bit I/O ports and have basically the same functions
as port P0. The output structure is CMOS output.
Ports P15, P16 and P17 are 3-bit input ports and they are in common with input pins of A-D
comparator (A-D1, A-D2 and A-D3).
Port P2 is an 8-bit I/O port and has basically the same functions as port P0.
The output structure is CMOS output.
Ports P30 and P31 are 2-bit I/O ports and have basically the same functions as port P0.
The output structure is CMOS output.
Ports P32, P33, P34 and P35 are 4-bit input ports and ports P32 and P33 are in common
with external clock input pins of timers 2 and 3. Ports P34 and P35 are in common with
external interrupt input pins INT1 and INT2. Port P35 is in common with an input pin of A-D
comparator (A-D4).
Ports P40 and P41 are 2-bit I/O ports and have basically the same functions as port P0.
When serial I/O is used, ports P40 and P41 are in common with SOUT pin and SCLK pin, re-
spectively.
Port P42 is an 1-bit Input port, and it is common with an input pin of A-D comparator (A-D5)
and serial input pin (SIN).
Port P6 is an 4-bit output port. The output structure is N-channel open-drain. This port is in
common with 6-bit PWM output pins PWM0-PWM3.
This is the I/O pins of the clock generating circuit for the CRT display function.
This is the horizontal synchronizing signal input for CRT display.
This is the vertical synchronizing signal input for CRT display.
This is a 4-bit output pin for CRT display. The output structure is CMOS output. This is in
common with port P52 – P55.
This is an output pin for 14-bit PWM.


Similar Part No. - M37211M2-704SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37211M2-XXXSP RENESAS-M37211M2-XXXSP Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37211M2-704SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com