Electronic Components Datasheet Search |
|
EKXJ221EXX820MJ35S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
EKXJ221EXX820MJ35S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 4 page Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. 160 to 500Vdc, long life, 105 ℃ KXJ Series ・Downsized and Longer life from current KXG series ・Endurance with ripple current : 8,000 to 12,000 hours at 105℃ ・Rated voltage range : 160 to 500V, Capacitance range : 6.8 to 680µF ・For electronic ballast circuits and other long life applications ・Non solvent resistant type ・RoHS Compliant ◆SPECIFICATIONS Items Characteristics Category Temperature Range –40 to +105 ℃ (160 to 450Vdc) -25 to +105 ℃ (500Vdc) Rated Voltage Range 160 to 500Vdc Capacitance Tolerance ±20% (M) (at 20 ℃, 120Hz) Leakage Current After 1 minute After 5 minutes CV ≦1000 I=0.1CV+40 I=0.03CV+15 CV>1000 I=0.04CV+100 I=0.02CV+25 Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V) (at 20 ℃) Dissipation Factor (tanδ) Rated voltage (Vdc) 160 to 250V 350 to 500V (at 20 ℃, 120Hz) tan δ (Max.) 0.20 0.24 Low Temperature Characteristics (Max. Impedance Ratio) Rated voltage (Vdc) 160 to 250V 350, 400V 420 to 500V (at 120Hz) Z( -25℃)/Z(+20℃) 3 5 6 Z( -40℃)/Z(+20℃) 6 6 - Endurance The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after subjected to DC voltage with the rated ripple current is applied(the peak voltage shall not exceed the rated voltage) for the specified time at 105 ℃. Rated voltage (Vdc) 160 to 450V 500V Time 16L to 20L :10,000hours, 25L to 50L:12,000hours φ10:8,000hours, φ12.5 to φ18:10.000hours Capacitance change ≦±20% of the initial value D.F. (tan δ) ≦200% of the initial specified value Leakage current ≦The initial specified value Shelf Life The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after exposing them for 1,000 hours at 105℃ without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4. Capacitance change ≦±20% of the initial value D.F. (tan δ) ≦200% of the initial specified value Leakage current ≦500% of the initial specified value ◆DIMENSIONS [mm] Sleeve (PET : Brown) L' 15min. 4min. Vent 10 0.6 5.0 φD φd F φD' L' 12.5 0.6 5.0 16 0.8 7.5 18 0.8 7.5 φD+0.5max. L+1.5max. 14.5 0.8 7.5 ( φ10) ( φ12.5 toφ18) Gas escaped end seal ● Terminal Code : E ◆PART NUMBERING SYSTEM Supplement code Size code Capacitance tolerance code Capacitance code (ex. 6.8 µF:6R8,10µF:100,100µF:101) Lead forming·taping code T erminal code Voltage code (ex. 160V:161,400V:401) Series code Category E K X J A A A E A A A A A A A A S M 1 8 5 18 11 12 13 15 16 17 14 2 3 4 5 6 7 9 10 Please refer to "Product code guide (radial lead type)" Downsized KXJ KXG P183 179 CAT. No. E1001P MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS |
Similar Part No. - EKXJ221EXX820MJ35S |
|
Similar Description - EKXJ221EXX820MJ35S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |