Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD13516S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # BD13516S
Description  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD13516S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  BD13516S Datasheet HTML 1Page - Fairchild Semiconductor BD13516S Datasheet HTML 2Page - Fairchild Semiconductor BD13516S Datasheet HTML 3Page - Fairchild Semiconductor BD13516S Datasheet HTML 4Page - Fairchild Semiconductor BD13516S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BD135 / 137 / 139 Rev. 1.2.0
3
Typical Performance Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VCE = 2V
IC[mA], COLLECTOR CURRENT
1E-3
0.01
0.1
1
10
0
50
100
150
200
250
300
350
400
450
500
IC[A], COLLECTOR CURRENT
1E-3
0.01
0.1
1
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VBE
(on
)
VCE
= 5
V
VBE
(sa
t)
IC =
10
IB
IC[A], COLLECTOR CURRENT
110
100
0.01
0.1
1
10
10us
100us
IC MAX. (Pulsed)
IC MAX. (Continuous)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
TC[
o
C], CASE TEMPERATURE


Similar Part No. - BD13516S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD13516S FAIRCHILD-BD13516S Datasheet
142Kb / 5P
   NPN Epitaxial Silicon Transistor
BD13516S FAIRCHILD-BD13516S Datasheet
142Kb / 5P
   NPN Epitaxial Silicon Transistor
BD13516STU FAIRCHILD-BD13516STU Datasheet
142Kb / 5P
   NPN Epitaxial Silicon Transistor
BD13516STU FAIRCHILD-BD13516STU Datasheet
142Kb / 5P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - BD13516S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com