Electronic Components Datasheet Search |
|
EKYB100EXX472ML20S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
EKYB100EXX472ML20S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. Low impedance, 105 ℃ KYB Series ・Low impedance, high ripple and long life from KYA series ・Newly innovative electrolyte is employed to minimize impedance ・Endurance with ripple current : 4,000 to 10,000 hours at 105℃ ・Non solvent resistant type ・RoHS Compliant ◆SPECIFICATIONS Items Characteristics Category Temperature Range -40 to +105 ℃ Rated Voltage Range 6.3 to 100Vdc Capacitance Tolerance ±20% (M) (at 20 ℃, 120Hz) Leakage Current I=0.01CV or 3µA, whichever is greater. Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V) (at 20 ℃ after 2 minutes) Dissipation Factor (tanδ) Rated voltage (Vdc) 6.3V 10V 16V 25V 35V 50V 63V 80V 100V tan δ (Max.) 0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.09 0.08 When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase. (at 20 ℃, 120Hz) Low Temperature Characteristics (Max. Impedance Ratio) Rated voltage (Vdc) 6.3V 10V 16V 25V 35V 50V 63V 80V 100V Z(-25 ℃)/Z(+20℃) 4 3 2 2 2 2 2 2 2 Z(-40 ℃)/Z(+20℃) 8 6 4 3 3 3 3 3 3 (at 120Hz) Endurance The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after subjected to DC voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 105 ℃. Rated Voltage(Vdc) 6.3 to 10Vdc 16 to 100Vdc Time φ5: 4,000hours φ6.3 & 8: 6,000hours φ10 to 18: 8,000hours φ5: 5,000hours φ6.3 & 8: 7,000hours φ10 to 18: 10,000hours Capacitance change ≦±30% of the initial value ≦±25% of the initial value D.F. (tan δ) ≦200% of the initial specified value ≦200% of the initial specified value Leakage current ≦The initial specified value ≦The initial specified value Shelf Life The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after exposing them for 500 hours at 105℃ without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4. Capacitance change ≦±25% of the initial value D.F. (tan δ) ≦200% of the initial specified value Leakage current ≦The initial specified value ◆DIMENSIONS [mm] L' 15min. 4min. Vent (Except φ5 &φ6.3) Sleeve (PET : Brown) 5 0.5 2.0 φD φd F φD' L' 6.3 0.5 2.5 8 0.6 3.5 12.5 0.6 5.0 16 0.8 7.5 18 0.8 7.5 10 0.6 5.0 φD+0.5max. L+1.5max. ( φ5 to φ10) Gas escape end seal ● Terminal Code : E ( φ12.5 to φ18) ◆PART NUMBERING SYSTEM Supplement code Size code Capacitance tolerance code Capacitance code (ex. 6.8 µF:6R8, 39µF:390, 470µF:471) Lead forming·taping code Terminal code Voltage code (ex. 6.3V:6R3, 50V:500) Series code Category E K Y B E M 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 Please refer to "Product code guide (radial lead type)" KYB Lower Z KYA P163 160 CAT. No. E1001P MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS |
Similar Part No. - EKYB100EXX472ML20S |
|
Similar Description - EKYB100EXX472ML20S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |