Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKYA6R3EXX101ME11D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EKYA6R3EXX101ME11D
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKYA6R3EXX101ME11D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EKYA6R3EXX101ME11D Datasheet HTML 1Page - List of Unclassifed Manufacturers EKYA6R3EXX101ME11D Datasheet HTML 2Page - List of Unclassifed Manufacturers EKYA6R3EXX101ME11D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low impedance, 105
KYA
Series
・Downsized from KY series
・Newly innovative electrolyte is employed to minimize impedance
・Endurance with ripple current : 4,000 to 10,000 hours at 105℃
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
Items
Characteristics
Category
Temperature Range
-40 to +105
Rated Voltage Range
6.3 to 100Vdc
Capacitance Tolerance
±20% (M)
(at 20
℃, 120Hz)
Leakage Current
I=0.01CV or 3µA, whichever is greater.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
(at 20
℃ after 2 minutes)
Dissipation Factor
(tanδ)
Rated voltage (Vdc)
6.3V 10V
16V
25V
35V
50V
63V 100V
tan
δ (Max.)
0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.08
When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase.
(at 20
℃, 120Hz)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Rated voltage (Vdc)
6.3V
10V
16V
25V
35V
50V
63V 100V
Z(-25
℃)/Z(+20℃)
4
3
2
2
2
2
2
2
Z(-40
℃)/Z(+20℃)
8
6
4
3
3
3
3
3
(at 120Hz)
Endurance
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 105
℃.
Time
6.3 to 10Vdc
φ5 & 6.3 : 4,000hours φ8 & 10 : 6,000hours φ12.5 to 16 : 8,000hours
16 to 100Vdc
φ5 & 6.3 : 5,000hours φ8 & 10 : 7,000hours φ12.5 to 16 : 10,000hours
Capacitance change
≦±25% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 500 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±25% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
◆DIMENSIONS [mm]
L'
15min.
4min.
Vent
(Except
φ5 &φ6.3)
Sleeve (PET : Brown)
5
0.5
2.0
φD
φd
F
φD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
10
0.6
5.0
φD+0.5max.
L+1.5max.
(
φ5 to φ10)
Gas escape end seal
Terminal Code : E
(
φ12.5 to φ16)
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 1.0
µF:1R0,10µF:100,100µF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,50V:500)
Series code
Category
E K Y A
E
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (radial lead type)"
KYA
Downsized
KY P166
163
CAT. No. E1001P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKYA6R3EXX101ME11D

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKYA6R3E CHEMI-CON-EKYA6R3E Datasheet
92Kb / 3P
   Low impedance, 105..
EKYA6R3ELL101ME11D CHEMI-CON-EKYA6R3ELL101ME11D Datasheet
267Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKYA6R3ELL103ML25S CHEMI-CON-EKYA6R3ELL103ML25S Datasheet
267Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKYA6R3ELL122MH15D CHEMI-CON-EKYA6R3ELL122MH15D Datasheet
267Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKYA6R3ELL122MJC5S CHEMI-CON-EKYA6R3ELL122MJC5S Datasheet
267Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKYA6R3EXX101ME11D

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com