Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4710.5254 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4710.5254
Description  IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4710.5254 Datasheet(HTML) 1 Page - Schurter Inc.

  4710.5254 Datasheet HTML 1Page - Schurter Inc. 4710.5254 Datasheet HTML 2Page - Schurter Inc. 4710.5254 Datasheet HTML 3Page - Schurter Inc. 4710.5254 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Connectors (Inlets/Outlets)
4710
www.schurter.com/PG07
Connectors
IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
Arrangement "cross"
(wires cross to pin axis)
Arrangement "along"
(wires along to pin axis)
Arrangement "cross", view from rear side
(wires cross to pin axis)
J
70° C
Description
- Panel Mount:
Snap-in version, from front side
- Connector, Pin temperature 70 °C, Protection class I
- Wire gauge 10AWG/6.0mm², 12AWG/4.0mm², 2.5mm²
- IDC terminals acc. to IEC 60998-2-3 for solid wires
Unique Selling Proposition
- Reduces labor costs
- Allows wiring of multiple terminals at once
- Cross and along orientation
- V-Lock cord retaining standard
Approvals
- ENEC File Number: 40042639
- UL File Number: E103791
- CCC File Number: 2014010204668919
Characteristics
- Protection cover can be used as "wire press"
- Live contact available as IDC, solder or quick connect terminal
- ready to use with V-Lock cordsets
- Suitable for use in equipment according to IEC/UL 60950
Other versions on request
- Other panel thickness
- Versions with protection class II
References
Alternative: version for 10 A (15 A) 6610
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Mating
Connectors, e-Shop, SCHURTER-Stock-Check, Distributor-Stock-
Check, CAD-Drawings, Accessories, Detailed request for product, Video
The integration of light pipes in the appliance outlet provides status indication in smart PDUs. See Application Note for more information.
Application Note
Technical Data
Ratings IEC
16 A / 250 VAC; 50 Hz
Ratings UL/CSA
20 A / 250 VAC; 60 Hz
Dielectric Strength
> 2.5 kVAC between L-N
> 1.5 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Temp.
-25 °C to 70 °C
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
IDC terminals
Panel Thickness s
1/1.2/1.5/2/2.5/3 mm
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance Outlet
J acc. to IEC 60320-1,
UL 60320-1, CSA C22.2 no. 60320-1-
11 , Protection Class I


Similar Part No. - 4710.5254

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4710.5254 SCHURTER-4710.5254 Datasheet
422Kb / 5P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
More results

Similar Description - 4710.5254

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4710 SCHURTER-4710 Datasheet
422Kb / 5P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
4710_1809 SCHURTER-4710_1809 Datasheet
441Kb / 5P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
4710 SCHURTER-4710_V01 Datasheet
464Kb / 6P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
05.01.2022
4710 SCHURTER-4710_18 Datasheet
457Kb / 6P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
4710 SCHURTER-4710_21 Datasheet
464Kb / 6P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610 Datasheet
456Kb / 6P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610_V01 Datasheet
501Kb / 7P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610_V02 Datasheet
501Kb / 7P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
05.01.2022
6610_1809 SCHURTER-6610_1809 Datasheet
468Kb / 6P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
5213 SCHURTER-5213 Datasheet
316Kb / 2P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, Quick-connect Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com