Electronic Components Datasheet Search |
|
80042 Datasheet(PDF) 1 Page - Alpha Wire |
|
80042 Datasheet(HTML) 1 Page - Alpha Wire |
1 / 2 page ALPHA WIRE CUSTOMER PRODUCT SPECIFICATION Part Number: 80042 Issue: 1 Page 1 of 2 Pages Issue Date: 3/24/2015 Effective Date: 5/19/2015 Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure product availability. Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein. 711 Lidgerwood Ave Elizabeth, NJ 07207-0711 Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com www.alphawire.com A. Construction Diameters (In) 1) Component 1 3 X 1 COND a) Conductor 16 (65/34) AWG Tinned Copper 0.056 b) Insulation 0.012" Wall, Nom. MPPE 0.080 (1) Print ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND INVERTED (2) Color Code Alpha Wire Color Code KX Cond Color Cond Color Cond Color 1 GREEN/YELLOW 2 BLACK#1 3 BLACK#2 2) Cable Assembly 3 Components Cabled a) Twists: 6.0 Twists/foot (min) b) Core Wrap Nonwoven Polyester Tape, 25% Overlap, Min. 3) Jacket 0.032" Wall, Nom.,Polyurethane, Zero Halogen (ZH) 0.241+/- 0.011 a) Color(s) SLATE b) Print ALPHA WIRE-* P/N 80042 3C 16 AWG RU AWM STYLE 21959 90C 600V SUN RES 60C OIL OR CRU AWM I/II A/B 90C 600V FT2 --- IEC EN 60332-1/2 CE ROHS (SEQ FOOTAGE) * = Factory Code B. Applicable Specifications 1) UL a) Component 1 AWM/STYLE 11231 105°C / 600 VRMS b) Overall AWM/STYLE 21959 90°C / 600 VRMS 60C OIL SUN RES 2) CSA International C(RU) AWM I/II A/B 90°C / 600 VRMS FT2 3) IEC a) Component 1 EN 60228 Conductors, Class 6 b) Overall EN 60754-1 Acid Gas Generation EN 60754-2 Acid Gas Generation EN 60332-1 Flame Behavior EN 60332-2 Flame Behavior 4) CE: EU Low Voltage Directive 2006/95/EC C. Environmental Compliance 1) CE: EU Directive 2011/65/EU(RoHS2): This product complies with European Directive 2011/65/EU (RoHS Directive) of the European Parliament and of the Council of 8 June 2011. No Exemptions are required for RoHS Compliance on this item. Consult Alpha Wire's web site for RoHS C of C. 2) REACH Regulation (EC 1907/2006): This product does not contain Substances of Very High Concern (SVHC) listed on the European Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information, please see Alpha's REACH SVHC Declaration. D. Physical & Mechanical Properties 1) Temperature Range -50 to 90°C(static), -40 to 80°C (dynamic) 2) Bend Radius 4X Cable Diameter(static), 6X Cable Diameter(dynamic) 3) Pull Tension 61 Lbs, Maximum 4) Sunlight Resistance Yes E. Electrical Properties (For Engineering purposes only) 1) Voltage Rating 600 VRMS 2) Capacitance 19.3 pf/ft @1 kHz, Nominal Conductor to Conductor |
Similar Part No. - 80042 |
|
Similar Description - 80042 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |