Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSM-955TC4Y Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KSM-955TC4Y
Description  Optic receiver module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KSM-955TC4Y Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KSM-955TC4Y Datasheet HTML 1Page - KODENSHI_AUK CORP. KSM-955TC4Y Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optic receiver module
*1 Recommended Circuit Description
1) Transmitter(IRED) drive current
: IFP = 300mAP-P ~ 600mAP-P
2) R-C Decoupling Filter with Lower Cut-off Frequency
: R=100Ω , C=47㎌
fc = 1/2π RC = 33.9Hz
3) External pull-up resistor(optional)
: 10kΩ over
2/2
KSM-95□ TC4Y
■ Measuring Method [Ta=25℃]
Transmitter output
Carrier Frequency(fo)
Duty50%
Remocon output pulse
TWL
THL
600us 600us
Standard
Tansmitter
25Cm
10㎌
Vout
10㏀
+5V
Transmitter
Arrival Distance : L
Vout
Vcc
GND
OSC
: Indicates horizontal and
vertical directions
Output Pulse Width
Standard Transmitter
Test Method of Transmission Distance
■ Typical Characteristics Curve [Ta=25℃]
Relative reception distance Vs.
Supply voltage
Relative reception distance Vs.
Ambient temperature
Radiant pattern
■ Standard Application Circuit with R-C Decoupling Filter
Transmitter
Vcc
GND
Vcc
GND
Vout
micom
C
R
Receiver
Module
Rp
Relative Sensitivity [%]
0
20
40
60
80
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply voltage Vcc
[%]
[V]
0
20
40
60
80
100
120
-10
0
10
20
30
40
50
Ambient temperature Ta
[%]
[℃]
-100˚
-80˚
-60˚
-40˚
-20˚
20˚
40˚
60˚
80˚
100˚
0
50
100
50
100


Similar Part No. - KSM-955TC4Y

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSM-955TE4Y KODENSHI-KSM-955TE4Y Datasheet
169Kb / 2P
   Optic receiver module
KSM-955TH4Y KODENSHI-KSM-955TH4Y Datasheet
169Kb / 2P
   Optic receiver module
KSM-955TM4Y KODENSHI-KSM-955TM4Y Datasheet
223Kb / 2P
   Optic receiver module
More results

Similar Description - KSM-955TC4Y

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSM-911TH5N KODENSHI-KSM-911TH5N Datasheet
213Kb / 2P
   Optic receiver module
KSM-911TM2 KODENSHI-KSM-911TM2 Datasheet
168Kb / 2P
   Optic receiver module
KSM-951TM4Y KODENSHI-KSM-951TM4Y Datasheet
223Kb / 2P
   Optic receiver module
KSM-961LM4Y KODENSHI-KSM-961LM4Y Datasheet
165Kb / 2P
   Optic receiver module
KSM-961TM4Y KODENSHI-KSM-961TM4Y Datasheet
224Kb / 2P
   Optic receiver module
KSM-2001LM2E KODENSHI-KSM-2001LM2E Datasheet
157Kb / 2P
   Optic receiver module
KSM-2001LM2N KODENSHI-KSM-2001LM2N Datasheet
190Kb / 2P
   Optic receiver module
KSM-2001LN2N KODENSHI-KSM-2001LN2N Datasheet
184Kb / 2P
   Optic receiver module
KSM-901LM1Y KODENSHI-KSM-901LM1Y Datasheet
168Kb / 2P
   Optic receiver module
KSM-901LM KODENSHI-KSM-901LM Datasheet
182Kb / 2P
   Optic receiver module
KSM-901TM1N KODENSHI-KSM-901TM1N Datasheet
233Kb / 2P
   Optic receiver module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com