Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80020 Datasheet(PDF) 2 Page - Alpha Wire

Part # 80020
Description  2 Components Cabled
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

80020 Datasheet(HTML) 2 Page - Alpha Wire

  80020 Datasheet HTML 1Page - Alpha Wire 80020 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: 80020
Issue:
1
Page 2 of 2 Pages
Issue Date:
3/24/2015
Effective Date:
5/19/2015
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
3)
Characteristic Impedance
85
Ω
4)
Inductance
0.17 µH/ft, Nominal
5)
Conductor DCR
11.1
Ω/1000ft @20°C, Nominal
F.
Other
1)
Packaging
Flange x Traverse x Barrel (inches)
a)
100 FT
6.5 x 2 x 1.9 Continuous length
b)
Bulk(Made-to-order)
[Spool dimensions may vary slightly]


Similar Part No. - 80020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
80020022A TI1-80020022A Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
8002002CA TI1-8002002CA Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
8002002DA TI1-8002002DA Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
More results

Similar Description - 80020

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25452 ALPHAWIRE-25452 Datasheet
44Kb / 2P
   2 Components Cabled
45192 ALPHAWIRE-45192 Datasheet
65Kb / 2P
   2 Components Cabled
80014 ALPHAWIRE-80014 Datasheet
42Kb / 2P
   2 Components Cabled
80041 ALPHAWIRE-80041 Datasheet
42Kb / 2P
   2 Components Cabled
25272 ALPHAWIRE-25272 Datasheet
44Kb / 2P
   2 Components Cabled
25482 ALPHAWIRE-25482 Datasheet
44Kb / 2P
   2 Components Cabled
45382 ALPHAWIRE-45382 Datasheet
65Kb / 2P
   2 Components Cabled
80032 ALPHAWIRE-80032 Datasheet
42Kb / 2P
   2 Components Cabled
logo
List of Unclassifed Man...
25122 ETC2-25122 Datasheet
44Kb / 2P
   2 Components Cabled
logo
Alpha Wire
25132 ALPHAWIRE-25132 Datasheet
44Kb / 2P
   2 Components Cabled
25372 ALPHAWIRE-25372 Datasheet
44Kb / 2P
   2 Components Cabled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com