Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

205-TC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 205-TC
Description  THERMOCOUPLE MINIATURE PANEL THERMOMETER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

205-TC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  205-TC Datasheet HTML 1Page - List of Unclassifed Manufacturers 205-TC Datasheet HTML 2Page - List of Unclassifed Manufacturers 205-TC Datasheet HTML 3Page - List of Unclassifed Manufacturers 205-TC Datasheet HTML 4Page - List of Unclassifed Manufacturers 205-TC Datasheet HTML 5Page - List of Unclassifed Manufacturers 205-TC Datasheet HTML 6Page - List of Unclassifed Manufacturers 205-TC Datasheet HTML 7Page - List of Unclassifed Manufacturers 205-TC Datasheet HTML 8Page - List of Unclassifed Manufacturers 205-TC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
32
S
SE
EC
CT
TIIO
ON
N 6
6 G
GL
LO
OS
SS
SA
AR
RY
Y
COMMON MODE REJECTION (CMR) - a measure of the affect
of a voltage on the indicated display. It is the ratio of the
common mode voltage to the measured voltage due to a
common mode voltage.
COMMON MODE VOLTAGE (CMV) - the average of the
voltage applied to both wires of a two wire or differential input.
NORMAL MODE REJECTION (NMR) - a measure of the
rejection of unwanted signal due to a voltage applied between
the wires of a two wire or differential input (shown as normal
mode voltage). NMR is the ratio of the normal mode voltage to
the measured voltage due to the normal mode voltage.
TEMPCO - abbreviation for temperature coefficient. It is the
effect of changes in ambient temperature on a particular
parameter, such as zero or span settings.
iii
TABLE 1-1
T
TC
C M
MO
OD
DE
EL
LS
S A
AV
VA
AIIL
LA
AB
BL
LE
E
The accuracies and ranges are listed in Section 5.
The following 3-1/2 digit mini thermocouple panel
thermometers are discussed in this operator’s manual.
MODEL
TYPE
°C or °F
RESOLUTION
205-JF1
J
F
1.0°F
205-JF2
J
F
0.1°F
205-JC1
J
C
1.0°C
205-JC2
J
C
0.1°C
205-KF1
K
F
1.0°F
205-KF2
K
F
0.1°F
205-KC1
K
C
1.0°C
205-KC2
K
C
0.1°C
205-TF1
T
F
1.0°F
205-TF2
T
F
0.1°F
205-TC1
T
C
1.0°C
205-TC2
T
C
0.1°C
205-EF1
E
F
1.0°F
205-EF2
E
F
0.1°F
205-EC1
E
C
1.0°C
205-EC2
E
C
0.1°C
32
S
SE
EC
CT
TIIO
ON
N 6
6 G
GL
LO
OS
SS
SA
AR
RY
Y
COMMON MODE REJECTION (CMR) - a measure of the affect
of a voltage on the indicated display. It is the ratio of the
common mode voltage to the measured voltage due to a
common mode voltage.
COMMON MODE VOLTAGE (CMV) - the average of the
voltage applied to both wires of a two wire or differential input.
NORMAL MODE REJECTION (NMR) - a measure of the
rejection of unwanted signal due to a voltage applied between
the wires of a two wire or differential input (shown as normal
mode voltage). NMR is the ratio of the normal mode voltage to
the measured voltage due to the normal mode voltage.
TEMPCO - abbreviation for temperature coefficient. It is the
effect of changes in ambient temperature on a particular
parameter, such as zero or span settings.
iii
TABLE 1-1
T
TC
C M
MO
OD
DE
EL
LS
S A
AV
VA
AIIL
LA
AB
BL
LE
E
The accuracies and ranges are listed in Section 5.
The following 3-1/2 digit mini thermocouple panel
thermometers are discussed in this operator’s manual.
MODEL
TYPE
°C or °F
RESOLUTION
205-JF1
J
F
1.0°F
205-JF2
J
F
0.1°F
205-JC1
J
C
1.0°C
205-JC2
J
C
0.1°C
205-KF1
K
F
1.0°F
205-KF2
K
F
0.1°F
205-KC1
K
C
1.0°C
205-KC2
K
C
0.1°C
205-TF1
T
F
1.0°F
205-TF2
T
F
0.1°F
205-TC1
T
C
1.0°C
205-TC2
T
C
0.1°C
205-EF1
E
F
1.0°F
205-EF2
E
F
0.1°F
205-EC1
E
C
1.0°C
205-EC2
E
C
0.1°C


Similar Part No. - 205-TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
205-285 ETC2-205-285 Datasheet
176Kb / 2P
   Panel Mount Fixed Lamp LED
logo
Marl International Limi...
205-501-04-38 MARL-205-501-04-38 Datasheet
274Kb / 5P
   Direct replacement for T1 쩐 Midget Groove S5.7s
205-501-20-38 MARL-205-501-20-38 Datasheet
274Kb / 5P
   Direct replacement for T1 쩐 Midget Groove S5.7s
205-501-20-38 MARL-205-501-20-38 Datasheet
232Kb / 2P
   BULB REPLACEMENT LED
205-501-20-38 MARL-205-501-20-38_15 Datasheet
232Kb / 2P
   BULB REPLACEMENT LED
More results

Similar Description - 205-TC

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EA15 EXTECH-EA15 Datasheet
303Kb / 8P
   Thermocouple Datalogging Thermometer
logo
List of Unclassifed Man...
DM-301 ETC2-DM-301 Datasheet
3Mb / 16P
   THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
logo
Extech Instruments Corp...
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
   Hygro-Thermometer InfraRed Thermometer
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
   Hygro-Thermometer InfraRed Thermometer
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50 Datasheet
256Kb / 3P
   Thermometer
logo
SHENZHEN FUMAN ELECTRON...
SC8492E FUMAN-SC8492E Datasheet
412Kb / 11P
   thermometer
logo
ITT Industries
DPA ITT-DPA Datasheet
127Kb / 4P
   Miniature Rack and Panel
logo
Extech Instruments Corp...
39240 EXTECH-39240 Datasheet
134Kb / 1P
   Waterproof Thermometer
logo
Testo SE & Co. KGaA
TESTO104 TESTO-TESTO104 Datasheet
498Kb / 12P
   Food thermometer
logo
Fluke Corporation
572-2 FLUKE-572-2 Datasheet
981Kb / 28P
   Infrared Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com