Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSWE2F-N110 Datasheet(PDF) 2 Page - SICK AG

Part # WSWE2F-N110
Description  Through-beam photoelectric sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WSWE2F-N110 Datasheet(HTML) 2 Page - SICK AG

  WSWE2F-N110 Datasheet HTML 1Page - SICK AG WSWE2F-N110 Datasheet HTML 2Page - SICK AG WSWE2F-N110 Datasheet HTML 3Page - SICK AG WSWE2F-N110 Datasheet HTML 4Page - SICK AG WSWE2F-N110 Datasheet HTML 5Page - SICK AG WSWE2F-N110 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/2/2016 1:52:47 AM
Photoelectric sensors
W2 Flat, Through-beam photoelectric sensor
1) Average service life: 100,000 h at TU = +25 °C
Type
> WS/WE2F-N110
Part No.
> 6030540
At a glance
Maximum sensing range of 500 mm
Rugged housing with metal sleeves for 2 mm fixing screws included with delivery
0.5 ms response time
IP 67 enclosure rating
Red light
Your benefits
A very fast response time offers application flexibility for efficient machines with
short or fast cycle times
Smart, optimal design fits into small spaces, providing increased application
flexibility
Illustration may differ
Features
Sensor/detection principle:
Through-beam photoelectric sensor
Dimensions (W x H x D):
12 mm x 20 mm x 3.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
0 m ... 0.5 m
Sensing range:
0 m ... 0.4 m
Type of light:
Visible red light
Light source:
LED 1)
Wave length:
660 nm
Focus adjustable:
-
Light spot size (distance):
X Ø 10 mm (100 mm)
Mechanics/electronics
Supply voltage:
12 V DC ... 24 V DC 1)
Ripple:
≤ 5 Vpp 2)
Output type:
NPN
Switching mode:
Light switching
Output current Imax.:
50
Response time:
≤ 0.5 ms 3)
Switching frequency:
1,000 Hz 4)
Connection type:
Cable, 3-wire, 2 m 5)
Cable material:
PVC


Similar Part No. - WSWE2F-N110

ManufacturerPart #DatasheetDescription
logo
SICK AG
WSWE2F-E010S04 SICK-WSWE2F-E010S04 Datasheet
555Kb / 5P
   Through-beam photoelectric sensor
WSWE2F-E110 SICK-WSWE2F-E110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-F110 SICK-WSWE2F-F110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-F210 SICK-WSWE2F-F210 Datasheet
648Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-F410 SICK-WSWE2F-F410 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
More results

Similar Description - WSWE2F-N110

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LLR-C23PA-NMS-400 CONTRINEX-LLR-C23PA-NMS-400 Datasheet
461Kb / 6P
   PHOTOELECTRIC SENSOR THROUGH-BEAM
logo
SICK AG
WSWE2F-E010S04 SICK-WSWE2F-E010S04 Datasheet
555Kb / 5P
   Through-beam photoelectric sensor
WSWE2F-F210 SICK-WSWE2F-F210 Datasheet
648Kb / 6P
   Through-beam photoelectric sensor
WSE4S-3E3130H SICK-WSE4S-3E3130H Datasheet
1Mb / 7P
   Through-beam photoelectric sensor
WSE4S-3F3130H SICK-WSE4S-3F3130H Datasheet
919Kb / 5P
   Through-beam photoelectric sensor
WSE4SL-3N1137 SICK-WSE4SL-3N1137 Datasheet
847Kb / 7P
   Through-beam photoelectric sensor
WSE9L-3N2237 SICK-WSE9L-3N2237 Datasheet
881Kb / 8P
   Through-beam photoelectric sensor
WSE2S-2P3030S02 SICK-WSE2S-2P3030S02 Datasheet
688Kb / 6P
   Through-beam photoelectric sensor
WSE2S-2P3130 SICK-WSE2S-2P3130 Datasheet
684Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-E110 SICK-WSWE2F-E110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-P110 SICK-WSWE2F-P110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com