Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLI-8023-D Datasheet(PDF) 7 Page - ON Semiconductor

Part # KLI-8023-D
Description  Linear CCD Image Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KLI-8023-D Datasheet(HTML) 7 Page - ON Semiconductor

Back Button KLI-8023-D Datasheet HTML 3Page - ON Semiconductor KLI-8023-D Datasheet HTML 4Page - ON Semiconductor KLI-8023-D Datasheet HTML 5Page - ON Semiconductor KLI-8023-D Datasheet HTML 6Page - ON Semiconductor KLI-8023-D Datasheet HTML 7Page - ON Semiconductor KLI-8023-D Datasheet HTML 8Page - ON Semiconductor KLI-8023-D Datasheet HTML 9Page - ON Semiconductor KLI-8023-D Datasheet HTML 10Page - ON Semiconductor KLI-8023-D Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
KLI−8023
www.onsemi.com
7
Saturation Voltage
The saturated signal level is the output voltage
corresponding to the maximum charge packet the imager
can handle. Adding charge above the saturated level results
in the excess charge “spilling” over into neighboring
photosites or CCD structures. Either the photodiode
capacity or the CCD capacity, with the latter being the most
typical case, can limit the charge capacity. The saturated
signal level is measured by monitoring the dark-to-light
transition between the first-out dark reference pixels and the
first active pixels while the irradiance is slowly increased.
Note that improper settings on either the output gate (OG)
or the reset gate (
fR) can have a clipping effect on the output
waveform.
Smear
Smear, also referred to as Photodiode-to-CCD Crosstalk,
occurs when photogenerated charge diffuses to an adjacent
CCD (such as a transfer register) and is collected, as opposed
to being collected in the photodiode where the photon
absorption occurred. The result of smear is to increase the
background signal within the dark reference pixels and CCD
buffer pixels. This increased background signal reduces the
achievable dynamic range; hence, a high smear value is
undesirable. The further the photodiode array and the CCD
are apart, the less the smear. Contributors to increased smear
are a short photodiode-to-CCD separation and improper
transfer gate clocking levels or timing. Smear is also highly
dependent on
incident
photon
wavelength.
In
the
application, an IR cut-off filter (~710 nm) is recommended.


Similar Part No. - KLI-8023-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KLI-8023-DAA-ED-AA ONSEMI-KLI-8023-DAA-ED-AA Datasheet
403Kb / 25P
   Linear CCD Image Sensor
March, 2017 ??Rev. 3
KLI-8023-DAA-ED-AE ONSEMI-KLI-8023-DAA-ED-AE Datasheet
403Kb / 25P
   Linear CCD Image Sensor
March, 2017 ??Rev. 3
More results

Similar Description - KLI-8023-D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD2300C TOSHIBA-TCD2300C Datasheet
558Kb / 14P
   CCD LINEAR IMAGE SENSOR
logo
ON Semiconductor
KLI-2104 ONSEMI-KLI-2104 Datasheet
279Kb / 22P
   Linear CCD Image Sensor
April, 2015 ??Rev. 2
logo
Toshiba Semiconductor
TCD1501C TOSHIBA-TCD1501C Datasheet
450Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD1502C TOSHIBA-TCD1502C Datasheet
439Kb / 12P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com