Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMT1010T Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FMT1010T
Description  Motion Tracking Module with Output of Orientation, Inertial Motion Data and Magnetic Field
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMT1010T Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FMT1010T Datasheet HTML 5Page - Fairchild Semiconductor FMT1010T Datasheet HTML 6Page - Fairchild Semiconductor FMT1010T Datasheet HTML 7Page - Fairchild Semiconductor FMT1010T Datasheet HTML 8Page - Fairchild Semiconductor FMT1010T Datasheet HTML 9Page - Fairchild Semiconductor FMT1010T Datasheet HTML 10Page - Fairchild Semiconductor FMT1010T Datasheet HTML 11Page - Fairchild Semiconductor FMT1010T Datasheet HTML 12Page - Fairchild Semiconductor FMT1010T Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMT1000-series
• Rev. 1.0
9
ProtocolInfo (0x01)
The ProtocolInfo opcode allows the Master to read the active protocol configuration. The format of the message is as
follows (All data is little endian, byte aligned):
struct MtsspInfo
{
uint8_t m_version;
uint8_t m_drdyConfig;
};
m_version
7
6
5
4
3
2
1
0
VERSION [7:0]
m_drdyConfig
Bits 7:4
Reserved for future use
Bit 3
MEVENT: Measurement pipe DRDY event enable
0: Generation of DRDY event is disabled
1: Generation of DRDY event is enabled
Bit 2
NEVENT: Notification pipe DRDY event enable
0: Generation of DRDY event is disabled
1: Generation of DRDY event is enabled
Bit 1
OTYPE: Output type of DRDY pin
0: Push/pull
1: Open drain
Bit 0
POL: Polarity of DRDY signal
0: Idle low
1: Idle high
ConfigureProtocol (0x02)
The ProtocolInfo opcode allows the Master to change the active protocol configuration. The format of the message is
as follows (All data is little endian, byte aligned):
struct MtsspConfiguration
{
uint8_t m_drdyConfig;
};
m_drdyConfig
Bits 7:4
Reserved for future use
Bit 3
MEVENT: Measurement pipe DRDY event enable
0: Generation of DRDY event is disabled
1: Generation of DRDY event is enabled
Bit 2
NEVENT: Notification pipe DRDY event enable
0: Generation of DRDY event is disabled
1: Generation of DRDY event is enabled
Bit 1
OTYPE: Output type of DRDY pin
0: Push/pull
1: Open drain
Bit 0
POL: Polarity of DRDY signal
0: Idle high
1: Idle low


Similar Part No. - FMT1010T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMT1080 ETC2-FMT1080 Datasheet
170Kb / 1P
   Panel Mount Modular Coupler
FMT1081 ETC2-FMT1081 Datasheet
174Kb / 1P
   Panel Mount Modular Coupler Un-Shielded, RJ45 - Black
More results

Similar Description - FMT1010T

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3901MB-TXQT PIXART-PMW3901MB-TXQT Datasheet
1Mb / 11P
   Optical Motion Tracking Chip
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
logo
Microchip Technology
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
   Motion Module
07/14/15
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
   Motion Module
07/14/15
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
   3-Axis Orientation/Motion Detection Sensor
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
logo
Broadcom Corporation.
AFBR-S50MV85G BOARDCOM-AFBR-S50MV85G Datasheet
1Mb / 19P
   Time-of-Flight Sensor Module for Distance and Motion Measurement
AFBR-S50LV85D BOARDCOM-AFBR-S50LV85D Datasheet
959Kb / 19P
   Time-of-Flight Sensor Module for Distance and Motion Measurement
December 12, 2022
logo
Telecommunication Elec...
TMSM100-1500 TELTRON-TMSM100-1500 Datasheet
750Kb / 2P
   microwave motion sensor module
TMSM200-100 TELTRON-TMSM200-100 Datasheet
700Kb / 2P
   microwave motion sensor module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com