Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFCWL060B-V1M3 Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFCWL060B-V1M3
Description  Built-in ESD Protection Device
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCWL060B-V1M3 Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFCWL060B-V1M3 Datasheet HTML 1Page - NICHIA CORPORATION NFCWL060B-V1M3 Datasheet HTML 2Page - NICHIA CORPORATION NFCWL060B-V1M3 Datasheet HTML 3Page - NICHIA CORPORATION NFCWL060B-V1M3 Datasheet HTML 4Page - NICHIA CORPORATION NFCWL060B-V1M3 Datasheet HTML 5Page - NICHIA CORPORATION NFCWL060B-V1M3 Datasheet HTML 6Page - NICHIA CORPORATION NFCWL060B-V1M3 Datasheet HTML 7Page - NICHIA CORPORATION NFCWL060B-V1M3 Datasheet HTML 8Page - NICHIA CORPORATION NFCWL060B-V1M3 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NICHIA STS-DA1-4061 <Cat.No.150929>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
900
mA
Pulse Forward Current
IFP
1350
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
33.1
W
Operating Temperature
Topr
-40~105
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
140
°C
* Absolute Maximum Ratings at TC=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
* The operating Temperature (Topr) range is the range of case temperatures.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=460mA
35.2
-
V
Luminous Flux
Φv
IF=460mA
1770
-
lm
Chromaticity Coordinate
x
-
IF=460mA
0.3447
-
-
y
-
IF=460mA
0.3553
-
-
Thermal Resistance
RθJC
-
1.4
1.7
°C/W
* Characteristics at TC=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJC is Thermal Resistance from junction to TC measuring point.


Similar Part No. - NFCWL060B-V1M3

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCWL060B-V1M2 NICHIA-NFCWL060B-V1M2 Datasheet
478Kb / 18P
   Built-in ESD Protection Device
More results

Similar Description - NFCWL060B-V1M3

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com