Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R82EC2470-6 Datasheet(PDF) 1 Page - Kemet Corporation

Part # R82EC2470-6
Description  METALL IZED POLYE STER FILM CAPACITOR D.C. MUL TIPURPOSE APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82EC2470-6 Datasheet(HTML) 1 Page - Kemet Corporation

  R82EC2470-6 Datasheet HTML 1Page - Kemet Corporation R82EC2470-6 Datasheet HTML 2Page - Kemet Corporation R82EC2470-6 Datasheet HTML 3Page - Kemet Corporation R82EC2470-6 Datasheet HTML 4Page - Kemet Corporation R82EC2470-6 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
09/2008
26
geNeRAl TeChNICAl DATA
Dielectric: polyester film (polyethylene terephthalate).
Plates:
aluminium layer deposited by evaporation under
vacuum.
Winding:
non-inductive type.
leads:
tinned wire.
Protection: plastic case, thermosetting resin filled.
Box material is solvent resistant and flame
retardant according to UL94.
Marking:
Capacitance, tolerance, D.C. rated voltage.
Climatic category: 55/105/56 IeC 60068-1
Operating temperature range: -55 to +105°C
Related documents: IeC 60384-2
PRODuCT CODe SySTeM
The part number, comprising 14 digits, is formed as follows:
1 2 3
4
5
6 7 8 9 10 11 12 13 14
R 8 2
C
-
Digit 1 to 3
Series code.
Digit 4
d.c. rated voltage:
C = 50V
D = 63V
e = 100V
I =250V
M =400V
Digit 5
Pitch: C = 5 mm
Digit 6 to 9
Digits 7 - 8 - 9 indicate the first three digits of
Capacitance value and the 6th digit indicates
the number of zeros that must be added to
obtain the Rated Capacitance in pF.
Digit 10 to 11 Mechanical version and/or packaging (table1)
Digit 12
Identifies the dimensions and electrical
characteristics.
Digit 13
Internal use
Digit 14
Capacitance tolerance:
J=5%; K=10%; M=20%.
Table 1 (for more detailed information, please refer to page 14).
Standard
packaging style
lead length
Ordering code
(mm)
(Digit 10 to 11)
AMMo-PACK
DQ
Reel Ø 355 mm
CK
Loose, short leads
4 +1.5
AA
Loose, long leads
17+1/-2
Z3
R82
MKT Series
MeTAllIZeD POlyeSTeR FIlM CAPACITOR
D.C. MulTIPuRPOSe APPlICATIONS
Typical applications: by-passing, blocking, coupling,
decoupling, timing, oscillator circuits.
For inverter applications please refer to RSB Series
.
PRoDUCT CoDe:
R82
p = 5mm
single sided metallized
polyester film
Winding scheme
B
≤6
>6
Ød ±0.05
0.5
0.6
Pitch Box thickness (B)
Maximum dimensions (mm)
(mm)
(mm)
B max
H max
L max
5.0
<4.5
B +0.1
H +0.1
L +0.2
5.0
4.5
B +0.1
H +0.1
L +0.3
Loose
Taped
All dimensions are in mm.


Similar Part No. - R82EC2470-6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82EC2470AA60J KEMET-R82EC2470AA60J Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.047 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2470AA60K KEMET-R82EC2470AA60K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.047 uF, 10%, 100 V, 85C, Lead Spacing = 5mm
R82EC2470DQ60J KEMET-R82EC2470DQ60J Datasheet
69Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.047 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2470DQ60K KEMET-R82EC2470DQ60K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.047 uF, 10%, 100 V, 85C, Lead Spacing = 5mm
R82EC2470Z360J KEMET-R82EC2470Z360J Datasheet
55Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.047 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82EC2470-6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKT KEMET-MKT Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR
PHE840MB5470KB04R17 KEMET-PHE840MB5470KB04R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MD6220KD13R06L2 KEMET-PHE840MD6220KD13R06L2 Datasheet
37Kb / 1P
   Capacitor, film
R46KI315000P0M KEMET-R46KI315000P0M Datasheet
37Kb / 1P
   Capacitor, film
PHE850EA4100MA01R17 KEMET-PHE850EA4100MA01R17 Datasheet
37Kb / 1P
   Capacitor, film
F840BE104K300A KEMET-F840BE104K300A Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6220KB12R17 KEMET-PHE840MB6220KB12R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6150KB10R17 KEMET-PHE840MB6150KB10R17 Datasheet
37Kb / 1P
   Capacitor, film
R46KI322000P0M KEMET-R46KI322000P0M Datasheet
36Kb / 1P
   Capacitor, film
MMK15105J100B04L4BULK KEMET-MMK15105J100B04L4BULK Datasheet
37Kb / 1P
   Capacitor, film
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com