Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27525DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27525DR
Description  Industry-Standard Pinout
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27525DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27525DR Datasheet HTML 4Page - Texas Instruments UCC27525DR Datasheet HTML 5Page - Texas Instruments UCC27525DR Datasheet HTML 6Page - Texas Instruments UCC27525DR Datasheet HTML 7Page - Texas Instruments UCC27525DR Datasheet HTML 8Page - Texas Instruments UCC27525DR Datasheet HTML 9Page - Texas Instruments UCC27525DR Datasheet HTML 10Page - Texas Instruments UCC27525DR Datasheet HTML 11Page - Texas Instruments UCC27525DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
10%
90%
Enable
Output
Low
High
Low
High
Input
tD1
tD2
UDG-11219
10%
90%
Enable
Output
Low
High
Low
High
Input
tD1
tD2
UDG-11220
10%
90%
Enable
Output
Low
High
Low
High
Input
tD3
tD4
UDG-11217
10%
90%
Enable
Output
Low
High
Low
High
Input
tD3
tD4
UDG-11218
UCC27523, UCC27524, UCC27525, UCC27526
SLUSAQ3G – NOVEMBER 2011 – REVISED APRIL 2015
www.ti.com
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR
Rise time (1)
CLOAD = 1.8 nF
7
18
tF
Fall time(1)
CLOAD = 1.8 nF
6
10
INA = INB, OUTA and OUTB at 50%
tM
Delay matching between 2 channels
1
4
transition point
ns
Minimum input pulse width that
tPW
15
25
changes the output state
tD1, tD2
Input to output propagation delay (1)
CLOAD = 1.8 nF, 5-V input pulse
6
13
23
tD3, tD4
EN to output propagation delay (1)
CLOAD = 1.8 nF, 5-V enable pulse
6
13
23
(1)
See timing diagrams in Figure 1, Figure 2, Figure 3, and Figure 4
Figure 1. Enable Function
Figure 2. Enable Function
(For Non-Inverting Input Driver Operation)
(For Inverting Input Driver Operation)
Figure 3. Non-Inverting Input Driver Operation
Figure 4. Inverting Input Driver Operation
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: UCC27523 UCC27524 UCC27525 UCC27526


Similar Part No. - UCC27525DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27525DR TI1-UCC27525DR Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27525DR TI1-UCC27525DR Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results

Similar Description - UCC27525DR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRLML0060TRPBF INFINEON-IRLML0060TRPBF Datasheet
297Kb / 10P
   Industry-Standard Pinout
2016-12-20
logo
Minmax Technology Co., ...
MA01-HI MINMAX-MA01-HI Datasheet
405Kb / 4P
   Industry Standard Pinout
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
   Industry-standard pinout
logo
XP Power Limited
ISQ XPPOWER-ISQ Datasheet
223Kb / 1P
   Industry Standard Pinout
logo
Recom International Pow...
ROL RECOM-ROL Datasheet
87Kb / 2P
   Industry Standard Pinout
logo
XP Power Limited
IST XPPOWER-IST Datasheet
210Kb / 1P
   Industry Standard Pinout
logo
International Rectifier
IRLML0060PBF IRF-IRLML0060PBF_15 Datasheet
205Kb / 10P
   Industry-standard pinout
logo
National Semiconductor ...
NMC6514 NSC-NMC6514 Datasheet
323Kb / 6P
   industry standard pinout
NMC6518 NSC-NMC6518 Datasheet
339Kb / 6P
   industry standard pinout
logo
Guangdong Youtai Semico...
IRLML9303 UMW-IRLML9303 Datasheet
470Kb / 8P
   Industry-standard pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com