Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27524DSDT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27524DSDT
Description  Industry-Standard Pinout
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27524DSDT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27524DSDT Datasheet HTML 2Page - Texas Instruments UCC27524DSDT Datasheet HTML 3Page - Texas Instruments UCC27524DSDT Datasheet HTML 4Page - Texas Instruments UCC27524DSDT Datasheet HTML 5Page - Texas Instruments UCC27524DSDT Datasheet HTML 6Page - Texas Instruments UCC27524DSDT Datasheet HTML 7Page - Texas Instruments UCC27524DSDT Datasheet HTML 8Page - Texas Instruments UCC27524DSDT Datasheet HTML 9Page - Texas Instruments UCC27524DSDT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
UCC27523, UCC27524, UCC27525, UCC27526
SLUSAQ3G – NOVEMBER 2011 – REVISED APRIL 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
20
DC
–0.3
VDD + 0.3
V
OUTA, OUTB voltage
Repetitive pulse < 200 ns(3)
–2
VDD + 0.3
Output continuous source/sink
IOUT_DC
0.3
current
A
Output pulsed source/sink current
IOUT_pulsed
5
(0.5 µs)
INA, INB, INA+, INA–, INB+, INB–, ENA, ENB voltage(4)
–0.3
20
V
Operating virtual junction temperature, TJ
–40
150
Soldering, 10 s
300
°C
Lead temperature
Reflow
260
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. See
Mechanical, Packaging, and Orderable Information for thermal limitations and considerations of packages.
(3)
Values are verified by characterization on bench.
(4)
The maximum voltage on the Input and Enable pins is not restricted by the voltage on the VDD pin.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
12
18
V
Operating junction temperature
–40
140
°C
Input voltage, INA, INB, INA+, INA–, INB+, INB–
0
18
V
Enable voltage, ENA and ENB
0
18
7.4 Thermal Information
UCC27523/4/5
UCC27524
UCC27523/4/5/6
THERMAL METRIC(1)
SOIC (D)
MSOP (DGN)
PDIP (P)
WSON (DSD)
UNIT
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
130.9
71.8
62.1
46.7
RθJC(top) Junction-to-case (top) thermal resistance
80
65.6
52.7
46.7
RθJB
Junction-to-board thermal resistance
71.4
7.4
39.1
22.4
°C/W
ψJT
Junction-to-top characterization parameter
21.9
7.4
31
0.7
ψJB
Junction-to-board characterization parameter
70.9
31.5
39.1
22.6
RθJC(bot) Junction-to-case (bottom) thermal resistance
19.6
9.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: UCC27523 UCC27524 UCC27525 UCC27526


Similar Part No. - UCC27524DSDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524DSDT TI1-UCC27524DSDT Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27524DSDT TI1-UCC27524DSDT Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results

Similar Description - UCC27524DSDT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRLML0060TRPBF INFINEON-IRLML0060TRPBF Datasheet
297Kb / 10P
   Industry-Standard Pinout
2016-12-20
logo
Minmax Technology Co., ...
MA01-HI MINMAX-MA01-HI Datasheet
405Kb / 4P
   Industry Standard Pinout
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
   Industry-standard pinout
logo
XP Power Limited
ISQ XPPOWER-ISQ Datasheet
223Kb / 1P
   Industry Standard Pinout
logo
Recom International Pow...
ROL RECOM-ROL Datasheet
87Kb / 2P
   Industry Standard Pinout
logo
XP Power Limited
IST XPPOWER-IST Datasheet
210Kb / 1P
   Industry Standard Pinout
logo
International Rectifier
IRLML0060PBF IRF-IRLML0060PBF_15 Datasheet
205Kb / 10P
   Industry-standard pinout
logo
National Semiconductor ...
NMC6514 NSC-NMC6514 Datasheet
323Kb / 6P
   industry standard pinout
NMC6518 NSC-NMC6518 Datasheet
339Kb / 6P
   industry standard pinout
logo
Guangdong Youtai Semico...
IRLML9303 UMW-IRLML9303 Datasheet
470Kb / 8P
   Industry-standard pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com