Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27524DGNR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27524DGNR
Description  Industry-Standard Pinout
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27524DGNR Datasheet(HTML) 4 Page - Texas Instruments

  UCC27524DGNR Datasheet HTML 1Page - Texas Instruments UCC27524DGNR Datasheet HTML 2Page - Texas Instruments UCC27524DGNR Datasheet HTML 3Page - Texas Instruments UCC27524DGNR Datasheet HTML 4Page - Texas Instruments UCC27524DGNR Datasheet HTML 5Page - Texas Instruments UCC27524DGNR Datasheet HTML 6Page - Texas Instruments UCC27524DGNR Datasheet HTML 7Page - Texas Instruments UCC27524DGNR Datasheet HTML 8Page - Texas Instruments UCC27524DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
INA-
INB-
GND
OUTB
INA+
INB+
OUTA
VDD
1
2
3
4
8
7
6
5
INA-
INB-
GND
OUTB
INA+
INB+
OUTA
VDD
1
2
3
4
8
7
6
5
ENA
INA
GND
INB
ENB
OUTA
VDD
OUTB
1
2
3
4
8
7
6
5
ENA
INA
GND
INB
ENB
OUTA
VDD
OUTB
1
2
3
4
8
7
6
5
ENA
INA
GND
INB
ENB
OUTA
VDD
OUTB
1
2
3
4
8
7
6
5
ENA
INA
GND
INB
ENB
OUTA
VDD
OUTB
1
2
3
4
8
7
6
5
UCC27523, UCC27524, UCC27525, UCC27526
SLUSAQ3G – NOVEMBER 2011 – REVISED APRIL 2015
www.ti.com
5 Description (continued)
The UCC2752x family provide the combination of three standard logic options — dual inverting, dual
noninverting, one inverting and one noninverting driver. UCC27526 features a dual input design which offers
flexibility of both inverting (IN– pin) and non-inverting (IN+ pin) configuration for each channel. Either IN+ or IN–
pin controls the state of the driver output. The unused input pin is used for enable and disable functions. For
safety purpose, internal pullup and pulldown resistors on the input pins of all the devices in UCC2752x family
ensure that outputs are held LOW when input pins are in floating condition. The UCC27523, UCC27524, and
UCC27525 devices feature Enable pins (ENA and ENB) to have better control of the operation of the driver
applications. The pins are internally pulled up to VDD for active-high logic and are left open for standard
operation.
UCC2752x family of devices are available in SOIC-8 (D), MSOP-8 with exposed pad (DGN) and 3-mm × 3-mm
WSON-8 with exposed pad (DSD) packages. UCC27524 is also offered in PDIP-8 (P) package. UCC27526 is
only offered in 3-mm × 3-mm WSON (DSD) package.
6 Pin Configuration and Functions
D, DGN, or P Package UCC2752(3,4,5)
DSD Package UCC2752(3,4,5)
8-Pin SOT-23, HVSSOP, or PDIP
8-Pin WSON
Top View
Top View
DSD Package UCC27526
8-Pin WSON
Top View
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: UCC27523 UCC27524 UCC27525 UCC27526


Similar Part No. - UCC27524DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524DGNR TI1-UCC27524DGNR Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27524DGNR TI1-UCC27524DGNR Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results

Similar Description - UCC27524DGNR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRLML0060TRPBF INFINEON-IRLML0060TRPBF Datasheet
297Kb / 10P
   Industry-Standard Pinout
2016-12-20
logo
Minmax Technology Co., ...
MA01-HI MINMAX-MA01-HI Datasheet
405Kb / 4P
   Industry Standard Pinout
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
   Industry-standard pinout
logo
XP Power Limited
ISQ XPPOWER-ISQ Datasheet
223Kb / 1P
   Industry Standard Pinout
logo
Recom International Pow...
ROL RECOM-ROL Datasheet
87Kb / 2P
   Industry Standard Pinout
logo
XP Power Limited
IST XPPOWER-IST Datasheet
210Kb / 1P
   Industry Standard Pinout
logo
International Rectifier
IRLML0060PBF IRF-IRLML0060PBF_15 Datasheet
205Kb / 10P
   Industry-standard pinout
logo
National Semiconductor ...
NMC6514 NSC-NMC6514 Datasheet
323Kb / 6P
   industry standard pinout
NMC6518 NSC-NMC6518 Datasheet
339Kb / 6P
   industry standard pinout
logo
Guangdong Youtai Semico...
IRLML9303 UMW-IRLML9303 Datasheet
470Kb / 8P
   Industry-standard pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com