Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491S685D004AT Datasheet(PDF) 10 Page - Kemet Corporation

Part # T491S685D004AT
Description  Symmetrical, compliant terminations
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491S685D004AT Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T491S685D004AT Datasheet HTML 6Page - Kemet Corporation T491S685D004AT Datasheet HTML 7Page - Kemet Corporation T491S685D004AT Datasheet HTML 8Page - Kemet Corporation T491S685D004AT Datasheet HTML 9Page - Kemet Corporation T491S685D004AT Datasheet HTML 10Page - Kemet Corporation T491S685D004AT Datasheet HTML 11Page - Kemet Corporation T491S685D004AT Datasheet HTML 12Page - Kemet Corporation T491S685D004AT Datasheet HTML 13Page - Kemet Corporation T491S685D004AT Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 12/11/2015 10
10
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Series Industrial Grade MnO2
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA at +20ºC
Maximum/
5 Minutes
% at +20ºC
120 Hz
Maximum
Ω at +20ºC
100 kHz
Maximum
mA at
+25ºC
100 kHz
mA at
+85ºC
100 kHz
mA at
+125ºC
100 kHz
ºC
Reflow Temp
≤ 260 ºC
16
68
C/6032-28
T491C686(1)016AT
10.9
6.0
1.0
303
273
121
125
1
16
68
W/7343-15
T491W686(1)016AT
10.9
6.0
0.8
474
427
190
125
1
16
68
D/7343-31
T491D686(1)016A(2)
10.9
6.0
0.7
463
417
185
125
1
16
100
X/7343-43
T491X107(1)016A(2)
16.0
8.0
0.7
486
437
194
125
1
16
100
C/6032-28
T491C107(1)016AT
16.0
10.0
1.0
332
299
133
125
1
16
100
V/7343-20
T491V107(1)016A(2)
16.0
8.0
0.7
423
381
169
125
1
16
100
D/7343-31
T491D107(1)016A(2)
16.0
8.0
0.7
463
417
185
125
1
16
150
X/7343-43
T491X157(1)016A(2)
24.0
8.0
0.5
574
517
230
125
1
16
150
D/7343-31
T491D157(1)016A(2)
24.0
10.0
0.7
463
417
185
125
1
16
220
D/7343-31
T491D227(1)016A(2)
35.2
15.0
0.9
408
367
163
125
1
16
220
X/7343-43
T491X227(1)016A(2)
35.2
10.0
0.5
574
517
230
125
1
16
220
E/7360-38
T491E227(1)016A(2)
35.2
7.2
0.9
471
424
188
125
1
20
0.68
A/3216-18
T491A684(1)020A(2)
0.5
4.0
12.0
79
71
32
125
1
20
1
A/3216-18
T491A105(1)020A(2)
0.5
4.0
9.0
91
82
36
125
1
20
1
S/3216-12
T491S105(1)020A(2)
0.5
6.0
18.0
58
52
23
125
1
20
1.5
A/3216-18
T491A155(1)020A(2)
0.5
6.0
6.5
107
96
43
125
1
20
1.5
S/3216-12
T491S155(1)020A(2)
0.5
6.0
15.0
63
57
25
125
1
20
2.2
B/3528-21
T491B225(1)020A(2)
0.5
6.0
3.5
156
140
62
125
1
20
2.2
A/3216-18
T491A225(1)020A(2)
0.5
6.0
6.0
104
94
42
125
1
20
3.3
B/3528-21
T491B335(1)020A(2)
0.7
6.0
3.0
168
151
67
125
1
20
3.3
A/3216-18
T491A335(1)020A(2)
0.7
6.0
4.0
129
116
52
125
1
20
3.3
T/3528-12
T491T335(1)020A(2)
0.7
6.0
5.0
118
106
47
125
1
20
4.7
C/6032-28
T491C475(1)020A(2)
0.9
6.0
2.4
214
193
86
125
1
20
4.7
B/3528-21
T491B475(1)020A(2)
0.9
6.0
3.0
168
151
67
125
1
20
4.7
A/3216-18
T491A475(1)020A(2)
0.9
6.0
4.0
137
123
55
125
1
20
6.8
C/6032-28
T491C685(1)020A(2)
1.4
6.0
1.9
241
217
96
125
1
20
6.8
U/6032-15
T491U685(1)020A(2)
1.4
6.0
1.9
218
196
87
125
1
20
6.8
B/3528-21
T491B685(1)020A(2)
1.4
6.0
2.0
206
185
82
125
1
20
6.8
A/3216-18
T491A685(1)020A(2)
1.4
8.0
6.0
112
101
45
125
1
20
10
C/6032-28
T491C106(1)020A(2)
2.0
6.0
1.6
247
222
99
125
1
20
10
U/6032-15
T491U106(1)020A(2)
2.0
6.0
1.8
224
202
90
125
1
20
10
B/3528-21
T491B106(1)020A(2)
2.0
6.0
2.0
201
181
80
125
1
20
10
A/3216-18
T491A106(M)020A(2)
2.0
10.0
5.0
122
110
49
125
1
20
15
D/7343-31
T491D156(1)020A(2)
3.0
6.0
1.0
387
348
155
125
1
20
15
B/3528-21
T491B156(1)020AT
3.0
6.0
2.0
206
185
82
125
1
20
15
C/6032-28
T491C156(1)020A(2)
3.0
6.0
1.7
254
229
102
125
1
20
22
D/7343-31
T491D226(1)020A(2)
4.4
6.0
0.8
433
390
173
125
1
20
22
V/7343-20
T491V226(1)020A(2)
4.4
6.0
0.7
423
381
169
125
1
20
22
C/6032-28
T491C226(1)020A(2)
4.4
6.0
1.2
303
273
121
125
1
20
22
B/3528-21
T491B226(1)020A(2)
4.4
8.0
4.0
146
131
58
125
1
20
33
D/7343-31
T491D336(1)020A(2)
6.6
6.0
0.8
433
390
173
125
1
20
33
C/6032-28
T491C336(M)020A(2)
6.6
6.0
1.2
303
273
121
125
1
20
33
V/7343-20
T491V336(1)020A(2)
6.6
8.0
0.7
423
381
169
125
1
20
33
B/3528-21
T491B336(M)020A(2)
6.6
10.0
4.0
146
131
58
125
1
20
47
C/6032-28
T491C476(1)020A(2)
9.4
6.0
0.9
350
315
140
125
1
20
47
X/7343-43
T491X476(1)020AT
9.4
6.0
0.8
454
409
182
125
1
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA at +20ºC
Maximum/
5 Minutes
% at +20ºC
120 Hz
Maximum
Ω at +20ºC
100 kHz
Maximum
mA at
+25ºC
100 kHz
mA at
+85ºC
100 kHz
mA at
+125ºC
100 kHz
ºC
Reflow Temp
≤ 260 ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-
Magnetic 100% Tin (Sn), M = Non-Magnetic (SnPb). Designates Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.


Similar Part No. - T491S685D004AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491S685004A KEMET-T491S685004A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491S685010A KEMET-T491S685010A Datasheet
705Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491S6851004A2 KEMET-T491S6851004A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491S6851004A2 KEMET-T491S6851004A2 Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491S6851004A2 KEMET-T491S6851004A2 Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
More results

Similar Description - T491S685D004AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492D156K020AC4251 KEMET-T492D156K020AC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
R463N31500001M KEMET-R463N31500001M Datasheet
1Mb / 18P
   RoHS Compliant and lead-free terminations
logo
TT Electronics.
1600 TTELEC-1600 Datasheet
907Kb / 7P
   Manufactured ROHS compliant pb-free terminations
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
QSOP TTELEC-QSOP Datasheet
442Kb / 4P
   RoHS compliant and Sn/Pb terminations available
logo
Cherry Semiconductor Co...
JM-0800 CHERRY-JM-0800 Datasheet
127Kb / 2P
   Symmetrical design
logo
Anaren Microwave
RFP-20-50TP ANAREN-RFP-20-50TP Datasheet
503Kb / 2P
   Flanged Terminations
RFP-20-50TPR ANAREN-RFP-20-50TPR Datasheet
494Kb / 2P
   Flanged Terminations
RFP-150-50TCGF ANAREN-RFP-150-50TCGF Datasheet
498Kb / 2P
   Flanged Terminations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com