Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3306-15 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS3306-15
Description  Qualified for Automotive Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3306-15 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3306-15 Datasheet HTML 1Page - Texas Instruments TPS3306-15 Datasheet HTML 2Page - Texas Instruments TPS3306-15 Datasheet HTML 3Page - Texas Instruments TPS3306-15 Datasheet HTML 4Page - Texas Instruments TPS3306-15 Datasheet HTML 5Page - Texas Instruments TPS3306-15 Datasheet HTML 6Page - Texas Instruments TPS3306-15 Datasheet HTML 7Page - Texas Instruments TPS3306-15 Datasheet HTML 8Page - Texas Instruments TPS3306-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPS330615Q1, TPS330618Q1, TPS330620Q1, TPS330625Q1, TPS330633Q1
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
SGLS241B − MARCH 2004 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
saving current while using the watchdog
WDI is internally driven low during the first 7/8 of the watchdog time-out period, then momentarily pulses high,
resetting the watchdog counter. For minimum watchdog input current (minimum overall power consumption), leave
WDI low for the majority of the watchdog time-out period, pulsing it low-high-low once within 7/8 of the watchdog
time-out period to reset the watchdog timer. If, instead, WDI is externally driven high for the majority of the time-out
period, a current of 5 V/40 k
Ω ≈ 125 µA can flow into WDI.
td
td
t(tout)
VDD
VIT
WDI
RESET
t
t
t
Figure 1. Watchdog Timing
power-fail comparator (PFI and PFO)
An additional comparator is provided to monitor voltages other than the nominal supply voltage. The power-fail-input
(PFI) is compared with an internal voltage reference of 1.25 V. If the input voltage falls below the power-fail threshold
(VPFI) of 1.25 V (typ), the power-fail output (PFO) goes low. If PFO goes above 1.25 V plus about 10−mV hysteresis,
the output returns to high. By connecting two external resistors, it is possible to supervise any voltages above 1.25 V.
The sum of both resistors should be approximately 1 M
Ω, to minimize power consumption and also to ensure that the
current in the PFI pin can be neglected compared with the current through the resistor network. The tolerance of the
external resistors should be not more than 1% to ensure minimal variation of sensed voltage. If the power-fail
comparator is unused, connect PFI to ground and leave PFO unconnected.
PFI
PFO
VCC
GND
TPS3306
V(SENSE)
R1
1%
R2
1%
VPFI,trip = 1.25 V ×
R1 + R2
R2


Similar Part No. - TPS3306-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

Similar Description - TPS3306-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
   Qualified for automotive applications
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
SN74LVC04AQPWRQ1 TI-SN74LVC04AQPWRQ1 Datasheet
760Kb / 12P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-2 PETERMANN-SMD0507-2_15 Datasheet
518Kb / 4P
   Qualified for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com