Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X8R1H222K080AA Datasheet(PDF) 1 Page - TDK Electronics

Part # C1608X8R1H222K080AA
Description  Commercial Grade ( High Temperature Application )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608X8R1H222K080AA Datasheet(HTML) 1 Page - TDK Electronics

  C1608X8R1H222K080AA Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( High Temperature Application )
C1608 [EIA CC0603]
L
1.60mm +/-0.1mm
W
0.80mm +/-0.1mm
T
0.80mm +/-0.1mm
B
0.20mm Min.
G
0.30mm Min.
X8R (-55 to 150 degC +/-15%)
1H (50Vdc)
2.2nF
K (+/-10%)
3% Max.
10Gohm Min.
Not Applicable
All specifications are subject to change without notice.
January 3, 2016
C1608X8R1H222K080AA
TDK Item Description : C1608X8R1H222KT****
Cap. vs. Freq. Characteristic
1
10
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.1
1
10
100
1000
10000
100000
1000000
10000000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-25
-20
-15
-10
-5
0
5
10
0
1020
3040
5060
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80 -60 -40 -20
0
20
40
60
80
100 120 140 160 180
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
0
0.05
0.1
0.15
0.2
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - C1608X8R1H222K080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608X8R1H222K080AE TDK-C1608X8R1H222K080AE Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608X8R1H222K080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005NP01H100D050BA TDK-C1005NP01H100D050BA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1005NP01H180J050BA TDK-C1005NP01H180J050BA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1005NP01H270J050BA TDK-C1005NP01H270J050BA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP02A180J080AA TDK-C1608NP02A180J080AA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H3R3C080AA TDK-C1608NP01H3R3C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H040C080AA TDK-C1608NP01H040C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608X8R1H152K080AA TDK-C1608X8R1H152K080AA Datasheet
138Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608X8R2A222M080AA TDK-C1608X8R2A222M080AA Datasheet
138Kb / 1P
   Commercial Grade ( High Temperature Application )
C3216NP01H683J160AA TDK-C3216NP01H683J160AA Datasheet
131Kb / 1P
   Commercial Grade ( High Temperature Application )
C3216NP02A223J160AA TDK-C3216NP02A223J160AA Datasheet
131Kb / 1P
   Commercial Grade ( High Temperature Application )
C3216NP02A472J085AA TDK-C3216NP02A472J085AA Datasheet
131Kb / 1P
   Commercial Grade ( High Temperature Application )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com