Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSM-601LO Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KSM-601LO
Description  Optic receiver modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KSM-601LO Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KSM-601LO Datasheet HTML 1Page - KODENSHI_AUK CORP. KSM-601LO Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
KSM-60
LO・KSM-70
LO
Optic receiver modules
KODENSHI
The KSM-60LO consist of a PIN Photodiode of high
speed and a preamplifier IC in the package as an
receiver for Infrared remote control systems
FEATURES
•One mold small package
•5 Volt supply voltage, low power consumption
•Shielded against electrical field disturbance
•High immunity against ambient light
•Easy interface with the main board
•TTL and CMOS compatibility
APPLICATIONS
•TV, VTR, Acoustic Devices, Air Conditioners, Car
Stereo Units, Computers, Interior controlling
appliances, and all appliances that require remote
controlling
DIMENSIONS
(Unit : mm)
PIN configuration
60 LO
70 LO
Vout
Vout
GND
Vcc
Vcc
GND
NOTE
Note : *1. It specifies the maximum distance between emitter and detector that the output waveform satisfies the standard under the conditions below against the standard
transmitter
1) Measuring place : Indoor without extreme reflection of light
2) Ambient light source : Detecting surface illumination shall be irradiate 200±50lx under ordinary white fluorescence lamp without high frequency lightning
3) Standard transmitter : Burst wave of standard transmitter shall be arranged to 50mVp-p under the measuring circuit
Rating
Symbol
Parameter
MAXIMUM RATINGS
Supply Voltage
Operating Temperature
Storage Temperature
Soldering Temperature
VCC
Topr.
Tstg.
Tsol.
5.5
-10~+60
-20~+75
260(Max 5 sec)
V
Unit
(Ta=25℃ Unless
otherwise noted)
(Ta=25℃), Vcc=5.0V
ELECTRO-OPTICAL CHARACTERISTICS
Input Signal=0
±30°
30cm over the ray
axis
Burst Wave=600μs
Period=1.2㎳
Parameter
Typ.
5.0
1.2
940
37.9
-
-
5.0
0.1
600
600
Supply Voltage
Current Consumption
Peak Wavelength *1
B.P.F Center Frequency
Transmission Distance *1
H Level Output Voltage *1
L Level Output Voltage *1
H Level Output Pulse Width *1
L Level Output Pulse Width *1
Output Form
VCC
ICC
λp
fo
L
VOH
VOL
TWH
TWL
4.5
-
-
-
10
7
4.5
-
500
500
5.5
2.5
-
-
-
-
-
0.5
700
700
V
mA
nm
kHz
m
m
V
V
μs
μs
Symbol
Conditions
Min.
Max.
Unit.
Active Low Output
200±50lx
B.P.F CENTER FREQUENCY
B.P.F Center Frequency(kHz)
Model NO.
40.0
36.7
37.9
32.7
56.9
KSM-◯◯1 LO
KSM-◯◯2 LO
KSM-◯◯3 LO
KSM-◯◯4 LO
KSM-◯◯5 LO


Similar Part No. - KSM-601LO

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSM-601LF KODENSHI-KSM-601LF Datasheet
727Kb / 2P
   Optic receiver modules
KSM-601LM KODENSHI-KSM-601LM Datasheet
721Kb / 2P
   Optic receiver modules
KSM-601LM2E KODENSHI-KSM-601LM2E Datasheet
184Kb / 2P
   Infrared receiver modules
KSM-601LN KODENSHI-KSM-601LN Datasheet
196Kb / 2P
   Optic receiver modules
KSM-601LU KODENSHI-KSM-601LU Datasheet
209Kb / 2P
   Optic receiver modules
More results

Similar Description - KSM-601LO

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSM-711TC5 KODENSHI-KSM-711TC5 Datasheet
206Kb / 2P
   Optic receiver modules
KSM-601TH2 KODENSHI-KSM-601TH2 Datasheet
202Kb / 2P
   Optic receiver modules
KSM-601LF KODENSHI-KSM-601LF Datasheet
727Kb / 2P
   Optic receiver modules
KSM-601TN2 KODENSHI-KSM-601TN2 Datasheet
197Kb / 2P
   Optic receiver modules
KSM-601SM2 KODENSHI-KSM-601SM2 Datasheet
727Kb / 2P
   Optic receiver modules
KSM-711LJ KODENSHI-KSM-711LJ Datasheet
210Kb / 2P
   Optic receiver modules
PIC-3704 KODENSHI-PIC-3704 Datasheet
95Kb / 2P
   OPTIC RECEIVER MODULES
KSM-601LU KODENSHI-KSM-601LU Datasheet
209Kb / 2P
   Optic receiver modules
KSM-601SP KODENSHI-KSM-601SP Datasheet
205Kb / 2P
   Optic receiver modules
KSM-711SY KODENSHI-KSM-711SY Datasheet
203Kb / 2P
   Optic receiver modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com