Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTB2S-N5311 Datasheet(PDF) 2 Page - SICK AG

Part # GTB2S-N5311
Description  Photoelectric sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GTB2S-N5311 Datasheet(HTML) 2 Page - SICK AG

  GTB2S-N5311 Datasheet HTML 1Page - SICK AG GTB2S-N5311 Datasheet HTML 2Page - SICK AG GTB2S-N5311 Datasheet HTML 3Page - SICK AG GTB2S-N5311 Datasheet HTML 4Page - SICK AG GTB2S-N5311 Datasheet HTML 5Page - SICK AG GTB2S-N5311 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/2/2016 2:49:11 AM
Photoelectric sensors
G2S, Photoelectric proximity sensor, Background suppression
1) Object with 90 % reflectance (referred to standard white, DIN 5033) 2) Object with 6 % remission 3) Average service life of 100,000 h at TA = +25 °C
Type
> GTB2S-N5311
Part No.
> 1064349
At a glance
Reliable detection of black and white objects at distances up to 15 mm
Background blanking from 18 mm
Laser-type light spot 2 mm in diameter at a distance of 8 mm
Your benefits
Faster machine cycles due to the brilliant, small light spots that allow accurate
switching points and small gaps between objects
Universal use, since the sensors detect objects independent of their remission,
object contours and backgrounds
High throughput and less downtime due to the sensor's ability to suppress active
and passive interference in industrial environments.
The 45-degree tilted cable entry offers maximum installation flexibility with
additional soft rubber bearings to absorb vibrations and tensile loads
The powerful PinPoint LED permits reliable detection of jet-black and poorly
reflective objects
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, Background suppression
Dimensions (W x H x D):
7.7 mm x 21.8 mm x 13.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
1 mm ... 18 mm 1)
Sensing range:
4 mm ... 15 mm 2)
Type of light:
Visible red light
Light source:
PinPoint LED 3)
Wave length:
640 nm
Light spot size (distance):
Ø 2 mm (8 mm)
Background suppression typ. from:
20 mm
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
≤ 5 Vpp 2)
Current consumption:
≤ 20 mA 3)
Output type:
NPN
Switching mode:
Light switching
Output current Imax.:
< 50 mA


Similar Part No. - GTB2S-N5311

ManufacturerPart #DatasheetDescription
logo
SICK AG
GTB2S-N5331 SICK-GTB2S-N5331 Datasheet
695Kb / 6P
   Photoelectric sensors
More results

Similar Description - GTB2S-N5311

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com