Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTB2S-E1451 Datasheet(PDF) 2 Page - SICK AG

Part # GTB2S-E1451
Description  Photoelectric sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GTB2S-E1451 Datasheet(HTML) 2 Page - SICK AG

  GTB2S-E1451 Datasheet HTML 1Page - SICK AG GTB2S-E1451 Datasheet HTML 2Page - SICK AG GTB2S-E1451 Datasheet HTML 3Page - SICK AG GTB2S-E1451 Datasheet HTML 4Page - SICK AG GTB2S-E1451 Datasheet HTML 5Page - SICK AG GTB2S-E1451 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/2/2016 2:47:22 AM
Photoelectric sensors
G2S, Photoelectric proximity sensor, Background suppression
1) Object with 90 % reflectance (referred to standard white, DIN 5033) 2) Object with 6 % remission 3) Average service life of 100,000 h at TA = +25 °C
Type
> GTB2S-E1451
Part No.
> 1064342
At a glance
Accurate adjustment of the operating distance due to easy operation of the 3-turn
potentiometer
Reliable detection of objects of all types regardless of their reflective properties
Minimum black/white shift, less than 10% under 80 mm
Your benefits
Precise, repeatably accurate switching points with a small, brilliant and sharply
defined light spot
Universal use, since a minimum black/white shift allows the sensor to be used
irrespective of object contours and backgrounds
High throughput and less downtime due to the sensor's ability to suppress active
and passive interference in industrial environments.
The 45-degree tilted cable entry offers maximum installation flexibility with
additional soft rubber bearings to absorb vibrations and tensile loads
The powerful PinPoint LED permits reliable detection of jet-black and poorly
reflective objects
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, Background suppression
Dimensions (W x H x D):
7.7 mm x 27.5 mm x 13.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
2 mm ... 120 mm 1)
Sensing range:
25 mm ... 90 mm 2)
Type of light:
Visible red light
Light source:
PinPoint LED 3)
Wave length:
640 nm
Adjustment:
Potentiometer, 3 turns
Light spot size (distance):
Ø 3.5 mm (50 mm)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
≤ 5 Vpp 2)
Current consumption:
≤ 20 mA 3)
Output type:
NPN
Switching mode:
Dark switching


Similar Part No. - GTB2S-E1451

ManufacturerPart #DatasheetDescription
logo
SICK AG
GTB2S-E1311 SICK-GTB2S-E1311 Datasheet
680Kb / 6P
   Photoelectric sensors
GTB2S-E1331 SICK-GTB2S-E1331 Datasheet
704Kb / 6P
   Photoelectric sensors
More results

Similar Description - GTB2S-E1451

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com