Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199C3RSWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA199C3RSWR
Description  Voltage Output Current Shunt Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199C3RSWR Datasheet(HTML) 1 Page - Texas Instruments

  INA199C3RSWR Datasheet HTML 1Page - Texas Instruments INA199C3RSWR Datasheet HTML 2Page - Texas Instruments INA199C3RSWR Datasheet HTML 3Page - Texas Instruments INA199C3RSWR Datasheet HTML 4Page - Texas Instruments INA199C3RSWR Datasheet HTML 5Page - Texas Instruments INA199C3RSWR Datasheet HTML 6Page - Texas Instruments INA199C3RSWR Datasheet HTML 7Page - Texas Instruments INA199C3RSWR Datasheet HTML 8Page - Texas Instruments INA199C3RSWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
m
to
0.1 F
m
+2.7V to +26V
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
R
1
R
3
R
2
R
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
INA199
SBOS469E – APRIL 2009 – REVISED DECEMBER 2015
INA199 26-V, Bidirectional, Zero-Drift, Low- or High-Side,
Voltage Output Current Shunt Monitor
1 Features
3 Description
The INA199 series of voltage output, current shunt
1
Wide Common-Mode Range: –0.3 V to 26 V
monitors (also called current-sense amplifiers) can
Offset Voltage: ±150
μV (Maximum)
sense
drops
across
shunts
at
common-mode
(Enables shunt drops of 10-mV full-scale)
voltages from –0.3 V to 26 V, independent of the
Accuracy
supply voltage. Three fixed gains are available:
50 V/V, 100 V/V, and 200 V/V. The low offset of the
±1.5% Gain Error (Maximum Over
zero-drift architecture enables current sensing with
Temperature)
maximum drops across the shunt as low as 10-mV
0.5-
μV/°C Offset Drift (Maximum)
full-scale.
10-ppm/°C Gain Drift (Maximum)
These devices operate from a single 2.7-V to 26-V
Choice of Gains:
power supply, drawing a maximum of 100
μA of
supply current. All versions are specified from –40°C
INA199x1: 50 V/V
to 105°C, and offered in both SC70-6 and thin UQFN-
INA199x2: 100 V/V
10 packages.
INA199x3: 200 V/V
Quiescent Current: 100
μA (Maximum)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Packages: SC70, UQFN-10
SC70 (6)
2.00 mm × 1.25 mm
INA199
2 Applications
UQFN (10)
1.80 mm × 1.40 mm
Notebook Computers
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Cell Phones
Qi-Compliant Wireless Charging Transmitters
Telecom Equipment
Power Management
Battery Chargers
Welding Equipment
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA199C3RSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199C3QDCKRQ1 TI1-INA199C3QDCKRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Current-Shunt Monitor
More results

Similar Description - INA199C3RSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
   High Voltage Current Shunt Monitor
REV. 0
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com