Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3691IDPFT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3691IDPFT
Description  Nanopower Comparator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3691IDPFT Datasheet(HTML) 2 Page - Texas Instruments

  TLV3691IDPFT Datasheet HTML 1Page - Texas Instruments TLV3691IDPFT Datasheet HTML 2Page - Texas Instruments TLV3691IDPFT Datasheet HTML 3Page - Texas Instruments TLV3691IDPFT Datasheet HTML 4Page - Texas Instruments TLV3691IDPFT Datasheet HTML 5Page - Texas Instruments TLV3691IDPFT Datasheet HTML 6Page - Texas Instruments TLV3691IDPFT Datasheet HTML 7Page - Texas Instruments TLV3691IDPFT Datasheet HTML 8Page - Texas Instruments TLV3691IDPFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TLV3691
SBOS694A – DECEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 12
1
Features .................................................................. 1
8
Application and Implementation ........................ 13
2
Applications ........................................................... 1
8.1
Application Information............................................ 13
3
Description ............................................................. 1
8.2
Typical Application ................................................. 16
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 18
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 19
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 19
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 19
6.2
ESD Ratings ............................................................ 4
11
Device and Documentation Support ................. 20
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 20
6.4
Thermal Information .................................................. 4
11.2
Documentation Support ........................................ 20
6.5
Electrical Characteristics........................................... 5
11.3
Community Resources.......................................... 20
6.6
Switching Characteristics .......................................... 6
11.4
Trademarks ........................................................... 20
6.7
Typical Characteristics .............................................. 7
11.5
Electrostatic Discharge Caution ............................ 20
7
Detailed Description ............................................ 12
11.6
Glossary ................................................................ 21
7.1
Overview ................................................................. 12
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 12
Information ........................................................... 21
7.3
Feature Description................................................. 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (December 2013) to Revision A
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV3691


Similar Part No. - TLV3691IDPFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
More results

Similar Description - TLV3691IDPFT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Texas Instruments
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com