Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3691IDPFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3691IDPFR
Description  Nanopower Comparator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3691IDPFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV3691IDPFR Datasheet HTML 5Page - Texas Instruments TLV3691IDPFR Datasheet HTML 6Page - Texas Instruments TLV3691IDPFR Datasheet HTML 7Page - Texas Instruments TLV3691IDPFR Datasheet HTML 8Page - Texas Instruments TLV3691IDPFR Datasheet HTML 9Page - Texas Instruments TLV3691IDPFR Datasheet HTML 10Page - Texas Instruments TLV3691IDPFR Datasheet HTML 11Page - Texas Instruments TLV3691IDPFR Datasheet HTML 12Page - Texas Instruments TLV3691IDPFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Time (4 s/div)
C015
Output Voltage
Input Voltage
t
PLH = 24
s
V
S = 6.5 V, CL = 20 pF
Overdrive = 100 mV
Time (4 s/div)
C016
Output Voltage
Input Voltage
t
PLH = 24
s
V
S = 6.5 V, CL = 20 pF
Overdrive = 100 mV
Time (4 s/div)
C025
Output Voltage
Input Voltage
t
PLH = 28
s
V
S = 0.9 V, CL = 20 pF
Overdrive = 100 mV
Time (6 s/div)
C026
Output Voltage
Input Voltage
t
PLH = 35
s
V
S = 0.9 V, CL = 20 pF
Overdrive = 100 mV
Time (4 s/div)
C013
Output Voltage
Input Voltage
t
PLH = 32
s
V
S = 6.5 V, CL = 20 pF
Overdrive = 50 mV
Time (4 s/div)
C014
Output Voltage
Input Voltage
t
PLH = 32
s
V
S = 6.5 V, CL = 20 pF
Overdrive = 50 mV
TLV3691
www.ti.com
SBOS694A – DECEMBER 2013 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
At TA = 25°C, VS = 0.9 V to 6.5 V, and input overdrive = 100 mV, unless otherwise noted.
VS = 6.5 V
Overdrive = 50 mV
VS = 6.5 V
Overdrive = 50 mV
Figure 13. Propagation Delay (TPLH)
Figure 14. Propagation Delay (TPHL)
VS = 0.9 V,
Overdrive = 100 mV
VS = 0.9 V
Overdrive = 100 mV
Figure 15. Propagation Delay (TPLH)
Figure 16. Propagation Delay (TPHL)
VS = 6.5 V
Overdrive = 100 mV
VS = 6.5 V
Overdrive = 100 mV
Figure 17. Propagation Delay (TPLH)
Figure 18. Propagation Delay (TPHL)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV3691


Similar Part No. - TLV3691IDPFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
More results

Similar Description - TLV3691IDPFR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Texas Instruments
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com