Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA208AIPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA208AIPW
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA208AIPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA208AIPW Datasheet HTML 2Page - Texas Instruments INA208AIPW Datasheet HTML 3Page - Texas Instruments INA208AIPW Datasheet HTML 4Page - Texas Instruments INA208AIPW Datasheet HTML 5Page - Texas Instruments INA208AIPW Datasheet HTML 6Page - Texas Instruments INA208AIPW Datasheet HTML 7Page - Texas Instruments INA208AIPW Datasheet HTML 8Page - Texas Instruments INA208AIPW Datasheet HTML 9Page - Texas Instruments INA208AIPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
INA206, INA207, INA208
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
www.ti.com
7.5 Electrical Characteristics: Current-Shunt Monitor
At TA = 25°C, VS = 12 V, VIN+ = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, and CMP1 IN+ = 1 V and CMP2 IN– = GND, unless otherwise noted.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Full-scale sense input
VSENSE
VSENSE = VIN+ – VIN–
0.15
(VS –0.25)/Gain
V
voltage
Common-mode input
VCM
TA = –40°C to 125°C
–16
80
V
range
Common-mode rejection
VIN+ = –16 V to 80 V
80
100
dB
ratio
CMRR
Common-mode rejection
VIN+ = 12 V to 80 V, TA = –40°C to 125°C
100
123
dB
ratio over temperature
TA = 25°C
±0.5
±2.5
VOS
Offset voltage RTI (1)
TA = 25°C to 125°C
±3
mV
TA = –40°C to 25°C
±3.5
Offset voltage RTI vs
dVOS/dT
TA = –40°C to 125°C
5
µV/°C
temperature
Offset voltage RTI vs
PSR
VOUT = 2 V, VIN+ = 18 V, 2.7 V, TA = –40°C to 125°C
2.5
100
µV/V
power supply
Input bias current, VIN–
IB
TA = –40°C to 125°C
±9
±16
µA
Pin
OUTPUT (VSENSE ≥ 20 mV)
INA206
20
G
Gain
INA207
50
V/V
INA208
100
Gain error
VSENSE = 20 mV to 100 mV
±0.2%
±1%
Gain error over
VSENSE = 20 mV to 100 mV, TA = –40°C to 125°C
±2%
temperature
Total output error (2)
VSENSE = 120 mV, VS = 16 V
±0.75%
±2.2%
Total output error over
VSENSE = 120 mV, VS = 16 V, TA = –40°C to 125°C
±3.5%
temperature
Nonlinearity error (3)
VSENSE = 20 mV to 100 mV
±0.002%
RO
Output impedance
1.5
Ω
Maximum capacitive load
No Sustained Oscillation
10
nF
OUTPUT (VSENSE < 20 mV) (4)
INA206
300
INA207
–16 V
≤ VCM < 0 V
300
mV
INA208
300
INA206
0.4
Output voltage
INA207
0 V
≤ VCM ≤ VS, VS = 5 V
1
V
INA208
2
INA206
300
INA207
VS < VCM ≤ 80 V
300
mV
INA208
300
VOLTAGE OUTPUT
Output swing to the
VIN– = 11 V, VIN+ = 12 V, TA = –40°C to 125°C
(Vs) – 0.15
(Vs) – 0.25
V
positive rail
Output swing to GND (5)
VIN– = 0 V, VIN+ = –0.5 V, TA = –40°C to 125°C
(VGND) + 0.004
(VGND) + 0.05
V
(1)
Offset is extrapolated from measurements of the output at 20 mV and 100 mV VSENSE.
(2)
Total output error includes effects of gain error and VOS.
(3)
Linearity is best fit to a straight line.
(4)
For details on this region of operation, see the Accuracy Variations as a Result of VSENSE and Common-Mode Voltage section.
(5)
Specified by design.
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA206 INA207 INA208


Similar Part No. - INA208AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA208A TI-INA208A Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
More results

Similar Description - INA208AIPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com