Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3691 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV3691
Description  Nanopower Comparator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3691 Datasheet(HTML) 1 Page - Texas Instruments

  TLV3691_15 Datasheet HTML 1Page - Texas Instruments TLV3691_15 Datasheet HTML 2Page - Texas Instruments TLV3691_15 Datasheet HTML 3Page - Texas Instruments TLV3691_15 Datasheet HTML 4Page - Texas Instruments TLV3691_15 Datasheet HTML 5Page - Texas Instruments TLV3691_15 Datasheet HTML 6Page - Texas Instruments TLV3691_15 Datasheet HTML 7Page - Texas Instruments TLV3691_15 Datasheet HTML 8Page - Texas Instruments TLV3691_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
0
20
40
60
80
100
120
140
160
0.5
1.5
2.5
3.5
4.5
5.5
6.5
Supply Voltage (V)
C001
25ƒC
-40ƒC
125ƒC
V
S = 0.9 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV3691
SBOS694A – DECEMBER 2013 – REVISED NOVEMBER 2015
TLV3691 0.9-V to 6.5-V, Nanopower Comparator
1 Features
3 Description
The TLV3691 offers a wide supply range, low
1
Low Quiescent Current: 75 nA
quiescent current 150 nA (maximum), and rail-to-rail
Wide Supply:
inputs. All of these features come in industry-standard
0.9 V to 6.5 V
and extremely small packages, making this device an
excellent
choice
for
low-voltage
and
low-power
±0.45 V to ±3.25 V
applications for portable electronics and industrial
MicroPackages: DFN-6 (1 mm × 1 mm), 5-Pin
systems.
SC70
Available as a single channel, the low-power, wide
Input Common-Mode Range Extends 100 mV
supply, and temperature range makes this device
Beyond Both Rails
flexible enough to handle almost any application from
Response Time: 24 µs
consumer to industrial. The TLV3691 is available in
Low Input Offset Voltage: ±3 mV
SC70-5 and 1-mm × 1-mm DFN-6 packages. This
device is specified for operation across the expanded
Push-Pull Output
industrial temperature range of –40°C to 125°C.
Industrial Temperature Range:
–40°C to 125°C
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
SC70 (5)
1.25 mm × 2.00 mm
TLV3691
Overvoltage and Undervoltage Detection
X2SON (6)
1.00 mm × 1.00 mm
Window Comparators
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Overcurrent Detection
Zero-Crossing Detection
System Monitoring:
Smart Phones
Tablets
Industrial Sensors
Portable Medical
Nano-Power Operation
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV3691_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
More results

Similar Description - TLV3691_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Texas Instruments
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com