Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3502AQDCNRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3502AQDCNRQ1
Description  Rail-to-Rail High-Speed Comparator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3502AQDCNRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3502AQDCNRQ1 Datasheet HTML 3Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 4Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 5Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 6Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 7Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 8Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 9Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 10Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
2
6
4
5
3
Supply Voltage (V)
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
−40 −25
0
125
50
75
100
25
Temperature (°C )
10
0
−10
5
4
3
2
1
0
−1
0
100
40
60
80
20
Time (ns)
Time (ns)
500
0
−500
2
1
0
−1
−2
0
2
4
6
8
10
12
14
16
18
20
110
90
70
50
WAKE−UP DELAY vs TEMPERATURE
Temperature (°C )
−40
100
125
−25
0
25
50
75
9
8
7
6
5
4
3
2
6
4
5
3
Supply Voltage (V)
Rise
Fall
TLV3502-Q1
www.ti.com
SBOS507A – FEBRUARY 2010 – REVISED DECEMBER 2014
Typical Characteristics (continued)
TA = 25°C, VS = 5 V, Input Overdrive = 100 mV (unless otherwise noted)
VDD = 5 V
VIN = 20 mVpp
Figure 7. Propagation Delay vs Supply Voltage
Figure 8. Wake-Up Delay vs Temperature
±2.5-V dual supply into 50-
Ω oscilloscope input
VDD = 5 V
VIN = 20 mVpp
Figure 10. Response to 100 MHz Sine Wave
Figure 9. Response to 50-MHz Sine Wave
Figure 11. Quiescent Current vs Supply Voltage
Figure 12. Quiescent Current vs Temperature
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV3502-Q1


Similar Part No. - TLV3502AQDCNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AQDCNRQ1 TI1-TLV3502AQDCNRQ1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
More results

Similar Description - TLV3502AQDCNRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
logo
Texas Instruments
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com