Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3501AZQDBVRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3501AZQDBVRQ1
Description  Rail-to-Rail, High-Speed Comparator in Microsize Packages
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3501AZQDBVRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV3501AZQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 9Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 10Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 11Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 12Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 13Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 14Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
0.1
F
m
2.2
F
m
TLV3501-Q1
V
REF
V
OUT
V
IN
V = 5 V
S
R = 51 W
1
R = 10 kW
2
HYST
(V )
R1
V
6 mV
R1 R2
+ ´
=
+
+
TLV3501A-Q1
www.ti.com
SBOS533B – SEPTEMBER 2010 – REVISED OCTOBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Adding External Hysteresis
The TLV3501A-Q1 device has a robust performance when used with a good layout. However, the comparator
inputs have little noise immunity within the range of specified offset voltage (±5 mV). For slow moving or noisy
input signals, the comparator output can cause an undesirable switch state as input signals move through the
switching threshold. In such applications, the 6 mV of internal hysteresis of the TLV3501A-Q1 device might not
be sufficient. In cases where greater noise immunity is desired, external hysteresis can be added by connecting
a small amount of feedback to the positive. Figure 17 shows a typical topology used to introduce 25 mV of
additional hysteresis, for a total of 31-mV hysteresis when operating from a single 5-V supply. Use Equation 1 to
calculate the approximate total hysteresis.
(1)
The total hysteresis, VHYST, sets the value of the transition voltage required to switch the comparator output by
enlarging the threshold region, thereby reducing sensitivity to noise.
Figure 17. Adding Hysteresis to the TLV3501A-Q1
9.2 Typical Application
9.2.1 Relaxation Oscillator
The TLV3501A-Q1 device can easily be configured as a simple and inexpensive relaxation oscillator. In
Figure 18, the R2 network sets the trip threshold at 1/3 and 2/3 of the supply. Because this circuit is a high-speed
circuit, the resistor values are rather low to minimize the effect of parasitic capacitance. The positive input
alternates between 1/3 of V+ and 2/3 of V+ depending on whether the output is low or high. The time to charge
(or discharge) is 0.69 × R1C. Therefore, the period is 1.38 × R1C. For 62 pF and 1 kΩ as shown in Figure 18, the
output is calculated to be 10.9 MHz. An implementation of this circuit oscillated at 9.6 MHz. Parasitic capacitance
and component tolerances explain the difference between theory and actual performance.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV3501A-Q1


Similar Part No. - TLV3501AZQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AID TI-TLV3501AID Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AID TI-TLV3501AID Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AIDBVR TI-TLV3501AIDBVR Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AIDBVR TI1-TLV3501AIDBVR Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results

Similar Description - TLV3501AZQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com