Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3501AZQDBVRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3501AZQDBVRQ1
Description  Rail-to-Rail, High-Speed Comparator in Microsize Packages
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3501AZQDBVRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TLV3501AZQDBVRQ1 Datasheet HTML 1Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TLV3501AZQDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TLV3501A-Q1
SBOS533B – SEPTEMBER 2010 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................... 9
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 10
2
Applications ........................................................... 1
9
Application and Implementation ........................ 11
3
Description ............................................................. 1
9.1
Application Information............................................ 11
4
Revision History..................................................... 2
9.2
Typical Application ................................................. 11
5
Related Products ................................................... 3
10
Power Supply Recommendations ..................... 13
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 13
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 13
7.1
Absolute Maximum Ratings ...................................... 4
11.2
Layout Example .................................................... 14
7.2
ESD Ratings.............................................................. 4
12
Device and Documentation Support ................. 15
7.3
Recommended Operating Conditions ....................... 4
12.1
Documentation Support ........................................ 15
7.4
Thermal Information .................................................. 4
12.2
Community Resource............................................ 15
7.5
Electrical Characteristics........................................... 5
12.3
Trademarks ........................................................... 15
7.6
Switching Characteristics .......................................... 6
12.4
Electrostatic Discharge Caution ............................ 15
7.7
Typical Characteristics .............................................. 6
12.5
Glossary ................................................................ 15
8
Detailed Description .............................................. 9
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................... 9
Information ........................................................... 15
8.2
Functional Block Diagram ......................................... 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2010) to Revision B
Page
Added z-suffix for improved delamination ............................................................................................................................. 1
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ............................... 1
Deleted the Ordering Information table ................................................................................................................................. 3
Changes from Original (September, 2010) to Revision A
Page
Added new feature bullet regarding automotive application qualification............................................................................... 1
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV3501A-Q1


Similar Part No. - TLV3501AZQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AID TI-TLV3501AID Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AID TI-TLV3501AID Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AIDBVR TI-TLV3501AIDBVR Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AIDBVR TI1-TLV3501AIDBVR Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results

Similar Description - TLV3501AZQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com