Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP92064SDX Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP92064SDX
Description  Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP92064SDX Datasheet(HTML) 1 Page - Texas Instruments

  LMP92064SDX Datasheet HTML 1Page - Texas Instruments LMP92064SDX Datasheet HTML 2Page - Texas Instruments LMP92064SDX Datasheet HTML 3Page - Texas Instruments LMP92064SDX Datasheet HTML 4Page - Texas Instruments LMP92064SDX Datasheet HTML 5Page - Texas Instruments LMP92064SDX Datasheet HTML 6Page - Texas Instruments LMP92064SDX Datasheet HTML 7Page - Texas Instruments LMP92064SDX Datasheet HTML 8Page - Texas Instruments LMP92064SDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LMP92064
INCP
INCN
INVP
INVG
48V
System
Management
Control Unit
SPI Bus
RSENSE
GND
VDD
DGND
VDIG
LOAD
5V
+
-
+
-
RDIVIDE1
RDIVIDE2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMP92064
SNOSCX0A – JUNE 2013 – REVISED DECEMBER 2014
LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling,
Current Sensor and Voltage Monitor With SPI
1 Features
3 Description
The LMP92064 is a precision low-side digital current
1
Two Simultaneous Sampling 12-Bit ADCs
sensor and voltage monitor with a digital SPI
Conversion Rate: 125 kSps (Minimum)
interface. This analog frontend (AFE) includes a
12-Bit Current Sense Channel
precision current sense amplifier to measure a load
current across a shunt resistor and a buffered voltage
Input-referred Offset: ±15
μV
channel to measure the voltage supply of the load.
Common-mode Voltage Range: –0.2 V to 2 V
The current and voltage channels are sampled
Maximum Differential Input Voltage: 75 mV
simultaneously by independent 125-kSps, 12-bit ADC
converters,
allowing
for
very
accurate
power
Fixed Gain: 25 V/V
calculations in unidirectional sensing applications.
Gain Error: ±0.75% (Maximum)
The
LMP92064
includes
an
internal
2.048-V
Bandwidth (–3dB): 70 kHz
reference for the ADCs, eliminating the need of an
DC PSRR: 100 dB
external reference and reducing component count
DC CMRR: 110 dB
and board space.
12-Bit Voltage Channel
A host can communicate with the LMP92064 using a
INL: ±1 LSB
four-wire SPI interface running at speeds of up to
20 MHz. The fast SPI interface lets the user take
Offset Error: ±2 mV (Maximum)
advantage of the higher bandwidth ADC to capture
Gain Error: ±0.75% (Maximum)
fast varying signals. The four-wire interface with
Maximum Input Voltage: 2.048 V
dedicated unidirectional input and output lines also
allows for an easy interface to digital isolators in
Bandwidth: 100 kHz
applications where isolation is required.
Internal Reference
The LMP92064 operates from a single 4.5-V to 5.5-V
SPI Frequency: Up to 20 MHz
supply and includes a separate digital supply pin. The
Temperature Range: –40°C to 105°C
LMP92064 is specified over a temperature range of
16-Pin WSON Package
–40°C to 105°C, and is available in a 5-mm x 4-mm
16-Pin WSON package.
2 Applications
Device Information(1)
Enterprise Servers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Telecommunications
LMP92064
WSON (16)
5.00 mm x 4.00 mm
Power Management
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMP92064SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92064 TI-LMP92064 Datasheet
519Kb / 23P
[Old version datasheet]   Precision Low-Side, 125 kSps Simultaneous Sampling,Current Sensor and Voltage Monitor with SPI
LMP92064 TI-LMP92064_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling,Current Sensor and Voltage Monitor With SPI
More results

Similar Description - LMP92064SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92064 TI-LMP92064 Datasheet
519Kb / 23P
[Old version datasheet]   Precision Low-Side, 125 kSps Simultaneous Sampling,Current Sensor and Voltage Monitor with SPI
LMP92064 TI-LMP92064_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling,Current Sensor and Voltage Monitor With SPI
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
logo
Diodes Incorporated
ZXCT199 DIODES-ZXCT199 Datasheet
354Kb / 2P
   High-Precision and Bidirectional Current Monitor for Accurate High-/Low-Side Current Measurement
logo
Analog Devices
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
logo
Unisonic Technologies
UCM101 UTC-UCM101_15 Datasheet
110Kb / 4P
   BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
logo
Analog Devices
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Zetex Semiconductors
ZXCT1041 ZETEX-ZXCT1041 Datasheet
151Kb / 8P
   Bidirectional precision high-side current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com