Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA206AIDRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA206AIDRG4
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA206AIDRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA206AIDRG4 Datasheet HTML 7Page - Texas Instruments INA206AIDRG4 Datasheet HTML 8Page - Texas Instruments INA206AIDRG4 Datasheet HTML 9Page - Texas Instruments INA206AIDRG4 Datasheet HTML 10Page - Texas Instruments INA206AIDRG4 Datasheet HTML 11Page - Texas Instruments INA206AIDRG4 Datasheet HTML 12Page - Texas Instruments INA206AIDRG4 Datasheet HTML 13Page - Texas Instruments INA206AIDRG4 Datasheet HTML 14Page - Texas Instruments INA206AIDRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Time (2 s/div)
m
G = 20
V
= 20mV to 30mV
SENSE
Time (2 s/div)
m
G = 20
V
= 20mV to 110mV
SENSE
34
30
26
22
18
14
10
6
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
11.5 17
10.5
Supply Voltage (V)
18
+125 C
°
+25 C
°
–40 C
°
2.50
2.25
2.00
1.75
1.50
1.25
1.00
V
(V)
CM
V
= 100mV
SENSE
V
= 0mV
SENSE
V = 12V
S
V = 12V
S
V = 2.7V
S
V = 2.7V
S
–16 –12 –8
–4
0
4
8
12
16 20 24 28 32 36
12
11
10
9
8
7
6
5
4
3
2
1
0
5
0
15
20
Output Current (mA)
25
30
+25 C
°
+25 C
°
–40 C
°
–40 C
°
+125 C
°
+125 C
°
V = 12V
S
Sourcing Current
V = 3V
S
Sourcing Current
Output stage is designed
to source current. Current
sinking capabilty is
approximately 400 µA.
10
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Output Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
INA206, INA207, INA208
www.ti.com
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
All specifications at TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 8. Positive Output Voltage Swing vs Output Current
Figure 9. Quiescent Current vs Output Voltage
Figure 10. Quiescent Current vs Common-Mode Voltage
Figure 11. Output Short-Circuit Current vs Supply Voltage
Figure 12. Step Response
Figure 13. Step Response
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA206 INA207 INA208


Similar Part No. - INA206AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA206AIDR TI-INA206AIDR Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
More results

Similar Description - INA206AIDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com