Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA212AQDCKRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA212AQDCKRQ1
Description  Zero-Drift Series, Current-Shunt Monitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA212AQDCKRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  INA212AQDCKRQ1 Datasheet HTML 1Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 2Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 3Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 4Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 5Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 6Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 7Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 8Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
6
5
4
OUT
IN
-
IN+
REF
GND
V+
INA212-Q1, INA213A-Q1, INA214-Q1
www.ti.com
SBOS475E – MARCH 2009 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
DCK Package
SC70-6
(Top View)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
GND
2
Ground
IN–
5
I
Connect to load side of shunt resistor.
IN+
4
I
Connect to supply side of shunt resistor
OUT
6
O
Output voltage
REF
1
I
Reference voltage, 0 V to V+
V+
3
Power supply, 2.7 V to 26 V
(1)
Analog
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA212-Q1 INA213A-Q1 INA214-Q1


Similar Part No. - INA212AQDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA212AQDCKRQ1 TI1-INA212AQDCKRQ1 Datasheet
1Mb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA212AQDCKRQ1 TI1-INA212AQDCKRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   Automotive-Grade, Voltage Output, Low- or High-Side Measurement
More results

Similar Description - INA212AQDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA283 TI-INA283_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
logo
Texas Instruments
INA282 TI-INA282_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
logo
Analog Devices
AD8217 AD-AD8217 Datasheet
314Kb / 16P
   High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com