Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA203AIDGSRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA203AIDGSRG4
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA203AIDGSRG4 Datasheet(HTML) 1 Page - Texas Instruments

  INA203AIDGSRG4 Datasheet HTML 1Page - Texas Instruments INA203AIDGSRG4 Datasheet HTML 2Page - Texas Instruments INA203AIDGSRG4 Datasheet HTML 3Page - Texas Instruments INA203AIDGSRG4 Datasheet HTML 4Page - Texas Instruments INA203AIDGSRG4 Datasheet HTML 5Page - Texas Instruments INA203AIDGSRG4 Datasheet HTML 6Page - Texas Instruments INA203AIDGSRG4 Datasheet HTML 7Page - Texas Instruments INA203AIDGSRG4 Datasheet HTML 8Page - Texas Instruments INA203AIDGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V
IN+
V
IN-
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
V
S
OUT
CMP1 IN-/0.6V REF
CMP1 IN+
CMP2 IN+
CMP2 IN-/0.6V REF
GND
1.2V REF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
INA203, INA204, INA205
SBOS393E – MARCH 2007 – REVISED NOVEMBER 2015
INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
1 Features
3 Description
The INA203, INA204, and INA205 are a family of
1
Complete Current Sense Solution
unidirectional current-shunt monitors with voltage
Three Gain Options Available:
output, dual comparators, and voltage reference. The
INA203 = 20 V/V
INA203, INA204, and INA205 can sense drops
across shunts at common-mode voltages from –16 V
INA204 = 50 V/V
to 80 V. The INA203, INA204, and INA205 are
INA205 = 100 V/V
available with three output voltage scales: 20 V/V, 50
Dual Comparators:
V/V, and 100 V/V, with up to 500-kHz bandwidth.
Comparator 1 With Latch
The INA203, INA204, and INA205 also incorporate
Comparator 2 With Optional Delay
two
open-drain
comparators
with
internal
0.6-V
references. On 14-pin versions, the comparator
Common-Mode Range: –16 V to 80 V
references can be overridden by external inputs.
High Accuracy: 3.5% (Maximum) Over
Comparator 1 includes a latching capability, and
Temperature
Comparator 2 has a user-programmable delay. 14-pin
Bandwidth: 500 kHz
versions also provide a 1.2-V reference output.
Quiescent Current: 1.8 mA
The INA203, INA204, and INA205 operate from a
Packages: SO-14, TSSOP-14, VSSOP-10
single 2.7-V to 18-V supply. They are specified over
the extended operating temperature range of –40°C
to 125°C.
2 Applications
Notebook Computers
Device Information (1)
Cell Phones
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Telecom Equipment
SOIC (14)
8.65 mm × 3.91 mm
INA203,
Automotive
INA204,
VSSOP (10)
3.00 mm × 3.00 mm
INA205
Power Management
TSSOP (14)
5.00 mm × 4.40 mm
Battery Chargers
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Welding Equipment
SPACE
SPACE
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA203AIDGSRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203AIDGSRG4 BURR-BROWN-INA203AIDGSRG4 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
More results

Similar Description - INA203AIDGSRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com