Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37512VP400-83BBC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY37512VP400-83BBC
Description  5V, 3.3V, ISR??High-Performance CPLDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37512VP400-83BBC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY37512VP400-83BBC Datasheet HTML 1Page - Cypress Semiconductor CY37512VP400-83BBC Datasheet HTML 2Page - Cypress Semiconductor CY37512VP400-83BBC Datasheet HTML 3Page - Cypress Semiconductor CY37512VP400-83BBC Datasheet HTML 4Page - Cypress Semiconductor CY37512VP400-83BBC Datasheet HTML 5Page - Cypress Semiconductor CY37512VP400-83BBC Datasheet HTML 6Page - Cypress Semiconductor CY37512VP400-83BBC Datasheet HTML 7Page - Cypress Semiconductor CY37512VP400-83BBC Datasheet HTML 8Page - Cypress Semiconductor CY37512VP400-83BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
5V, 3.3V, ISR™ High-Performance CPLDs
Ultra37000 CPLD Family
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-03007 Rev. *C
Revised July 7, 2003
Features
• In-System Reprogrammable™ (ISR™) CMOS CPLDs
— JTAG interface for reconfigurability
— Design changes do not cause pinout changes
— Design changes do not cause timing changes
• High density
— 32 to 512 macrocells
— 32 to 264 I/O pins
— Five dedicated inputs including four clock pins
• Simple timing model
— No fanout delays
— No expander delays
— No dedicated vs. I/O pin delays
— No additional delay through PIM
— No penalty for using full 16 product terms
— No delay for steering or sharing product terms
• 3.3V and 5V versions
• PCI-compatible[1]
• Programmable bus-hold capabilities on all I/Os
• Intelligent product term allocator provides:
— 0 to 16 product terms to any macrocell
— Product term steering on an individual basis
— Product term sharing among local macrocells
• Flexible clocking
— Four synchronous clocks per device
— Product term clocking
— Clock polarity control per logic block
• Consistent package/pinout offering across all densities
— Simplifies design migration
— Same pinout for 3.3V and 5.0V devices
• Packages
— 44 to 400 leads in PLCC, CLCC, PQFP, TQFP, CQFP,
BGA, and Fine-Pitch BGA packages
General Description
The Ultra37000™ family of CMOS CPLDs provides a range of
high-density programmable logic solutions with unparalleled
system performance. The Ultra37000 family is designed to
bring the flexibility, ease of use, and performance of the 22V10
to high-density CPLDs. The architecture is based on a number
of logic blocks that are connected by a Programmable Inter-
connect Matrix (PIM). Each logic block features its own
product term array, product term allocator, and 16 macrocells.
The PIM distributes signals from the logic block outputs and all
input pins to the logic block inputs.
All of the Ultra37000 devices are electrically erasable and In-
System Reprogrammable (ISR), which simplifies both design
and manufacturing flows, thereby reducing costs. The ISR
feature provides the ability to reconfigure the devices without
having design changes cause pinout or timing changes. The
Cypress ISR function is implemented through a JTAG-
compliant serial interface. Data is shifted in and out through
the TDI and TDO pins, respectively. Because of the superior
routability and simple timing model of the Ultra37000 devices,
ISR allows users to change existing logic designs while simul-
taneously fixing pinout assignments and maintaining system
performance.
The entire family features JTAG for ISR and boundary scan,
and is compatible with the PCI Local Bus specification,
meeting
the
electrical
and
timing
requirements.
The
Ultra37000 family features user programmable bus-hold
capabilities on all I/Os.
Ultra37000 5.0V Devices
The Ultra37000 devices operate with a 5V supply and can
support 5V or 3.3V I/O levels. VCCO connections provide the
capability of interfacing to either a 5V or 3.3V bus. By
connecting the VCCO pins to 5V the user insures 5V TTL levels
on the outputs. If VCCO is connected to 3.3V the output levels
meet 3.3V JEDEC standard CMOS levels and are 5V tolerant.
These devices require 5V ISR programming.
Ultra37000V 3.3V Devices
Devices operating with a 3.3V supply require 3.3V on all VCCO
pins, reducing the device’s power consumption. These
devices support 3.3V JEDEC standard CMOS output levels,
and
are
5V-tolerant.
These
devices
allow
3.3V
ISR
programming.
Note:
1.
Due to the 5V-tolerant nature of 3.3V device I/Os, the I/Os are not clamped to VCC, PCI VIH = 2V.


Similar Part No. - CY37512VP400-83BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37512VP400-83BBC CYPRESS-CY37512VP400-83BBC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
More results

Similar Description - CY37512VP400-83BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37512VP400-83BBXC CYPRESS-CY37512VP400-83BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
Micrel Semiconductor
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com