Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPC2023 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KPC2023
Description  Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPC2023 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KPC2023 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPC2023 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPC2023 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photocoupler
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25℃ , unless otherwise noted)
IF=10mA
VR=5V
V=0, f=1MHz
VDRM=400V
IT=100mA
IF=0, VCE=10V
V=0, f=1MHz
*5. Input Voltage=0, the frequency of Vin is increased until the Phototriac just turns on.
mA
5
3
10.0
5.0
Trigger LED Current
KPC2020
KPC2021
KPC2022
KPC2023
RH=40~60%, V=500V
IDRM
VTM
IH
Coupled
Condition
CT
10
11
1.4
100
-
-
Typ.
1.15
V
Parameter
Unit.
Input
pF
Symbol
VF
-
Max.
30
1.30
10
mA
-
-
RIO
8
1
IFT
VT=3V
pF
15.0
3
-
-
30
-
V/㎲
15
-
-
Output
Forward Voltage
Capacitance
Peak Off-state Current
Peak On-state Voltage
Critical Rate Of Rese Off-state Voltage
*5
Holding Current
Input-Output Isolation Resistance
Input-Output Capacitance
CIO
nA
V
-
10
-
100
dV /dt
-
100
Min.
-
-
Reverse Current
IR
-
2/3
KPC2020 • KPC2021 • KPC2022 • KPC2023


Similar Part No. - KPC2023

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPC-1608FGCK TO-GRACE-KPC-1608FGCK Datasheet
945Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
KPC-1608SEC-E TO-GRACE-KPC-1608SEC-E Datasheet
951Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
KPC-1608SECK-J4-PRV TO-GRACE-KPC-1608SECK-J4-PRV Datasheet
905Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
KPC-1608SYCK TO-GRACE-KPC-1608SYCK Datasheet
951Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
KPC-1608SYCK-J3-PRV TO-GRACE-KPC-1608SYCK-J3-PRV Datasheet
905Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
More results

Similar Description - KPC2023

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N29 KODENSHI-K4N29 Datasheet
237Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K3620 KODENSHI-K3620 Datasheet
110Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K5620 KODENSHI-K5620 Datasheet
120Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18K1 KODENSHI-PC-18K1 Datasheet
80Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18T1 KODENSHI-PC-18T1 Datasheet
188Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC3020 KODENSHI-KPC3020 Datasheet
123Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N25G KODENSHI-K4N25G Datasheet
187Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC3051 KODENSHI-KPC3051 Datasheet
62Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N33 KODENSHI-K4N33 Datasheet
234Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N30 KODENSHI-K4N30 Datasheet
235Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com