Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37641F8FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M37641F8FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37641F8FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M37641F8FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37641F8FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37641F8FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37641F8FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37641F8FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37641F8FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37641F8FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37641F8FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37641F8FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 149 page
background image
7
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7641 Group
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to
change.
GROUP EXPANSION
Mitsubishi plans to expand the 7641 group as follows.
Memory Type
Supports for mask ROM and flash memory versions.
Memory Size
ROM size ......................................................................... 32 Kbytes
RAM size ........................................................... 1024 to 2560 bytes
Memory Expansion Plan
Fig. 5 Memory expansion plan
Currently planning products are listed below.
As of Feb. 2001
Package
80P6N-A
80P6Q-A
80P6N-A
80P6Q-A
Product name
M37641M8-XXXFP
M37641M8-XXXHP
M37641F8FP
M37641F8HP
ROM size (bytes)
ROM size for User in ( )
32768 (32636)
RAM size
(bytes)
1024
Table 3 Support products
Mask ROM version
Remarks
Packages
80P6N-A ..................................... 0.8 mm-pitch plastic molded QFP
80P6Q-A ................................... 0.5 mm-pitch plastic molded LQFP
ROM
external
60 K
48 K
32 K
28 K
24 K
20 K
16 K
12 K
8 K
384
512
640
768
896 1024 1152 1280 1408 1536 2048 3072 4032
M37641F8
ROM size (bytes)
RAM size (bytes)
Products under development or planning: the development schedule and specification may
be revised without notice.
M37641M8
Under development
32768
2560
Flash memory version


Similar Part No. - M37641F8FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37641F8E8-XXXFP RENESAS-M37641F8E8-XXXFP Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37641F8M8-XXXFP RENESAS-M37641F8M8-XXXFP Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37641F8FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com