Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK212BJ226MG-T Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # LMK212BJ226MG-T
Description  3A 20V Step-Down Converter plus 1A LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

LMK212BJ226MG-T Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  LMK212BJ226MG-T Datasheet HTML 1Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 2Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 3Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 4Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 5Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 6Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 7Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 8Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
1
Fax (925) 443-0723
General Description
The AMS4123 combines a 3A Step-Down converter
with a 1A LDO in a single SO-8 exposed paddle
package. Both the LDO and Step-Down converter
are low ESR, ceramic capacitor output, stable. The
Step-Down converter is internally compensated with
internal soft-start to minimize the number of external
components. An Enable pin provides built-in
externally programmable power-up sequencing. The
Step-Down converter enable threshold is 2.0V and
the LDO enable threshold is 2.5V. It also has hiccup
current limit and thermal protection. Thermal
protection shuts down both the Step-Down converter
and LDO when the die temperature exceeds 135°C.
Both regulators are adjustable using a 0.6V
reference for low output voltage settings. The LDO
has options for fixed output voltages from 0.6V to 5V
in 100mV steps. The LDO external input can be
powered from the Step-Down converter output, for
improved efficiency, or from any voltage source that
is less than or equal to the device supply voltage
(Vin). With a dropout voltage of less than 350mV at
1A, the AMS4123 LDO makes the perfect solution
for a low noise 1.8V power source developed from
2.5V Step-Down converter output. The AMS4123 is
a complete solution for LCD TV power requirements
when combined with the AMS4122 (2A Dual
Switching Regulator in SO-8).
Features
Step-Down Converter + LDO in SO-8EP
Internally Compensated
Up to 95% Efficiency
Low ESR Ceramic Output Capacitor Stable
Soft Start
Under-Voltage Lockout
Dual Threshold Enable
300 kHz Switching Frequency
Hiccup Current Limit
Over-Temperature Shutdown
Ultra-Low Dropout LDO 350mV @ 1A
Up to 3A Step-Down Output Current
Up to 1A LDO Output Current
Excellent Light Load Efficiency
Applications
Audio Power Amplifiers
Portable (Notebook) Computers
Point of Regulation for High Performance
Electronics
Consumer Electronics
DVD, Blue-ray DVD writers
LCD TVs and LCD monitors
Distributed Power Systems
Battery Chargers
Pre-Regulator for Linear Regulation
Typical Application
L1
10uH
C5
220nF
R2
10.0k
R4
31.6k
R3
10.0k
D1
B340LB
R1
20.0k
C3
2.2uF
C1
10uF
C8
4.7nF
C2
22uF
C9
100uF
R1 and R4 Voltage Options
3.3V 45.3k
2.5V 31.6k
5.0V 73.2k
1.8V 20.0k
2.5V at 2A
1.8V at 1A
Enable
Vin 4.5V to 20V
LDOout
8
EN
4
Vin
3
BST
2
SW
1
FB LDO
6
LDOin
7
FB SW
5
U1
AMS4123
2.5V
SW out


Similar Part No. - LMK212BJ226MG-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK212BJ226MG-T TI1-LMK212BJ226MG-T Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Enpirion, Inc.
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
More results

Similar Description - LMK212BJ226MG-T

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384B BELLING-BL9384B Datasheet
2Mb / 6P
   3A, 20V High Efflxlency Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2101DQ-00A MPS-EV2101DQ-00A Datasheet
226Kb / 5P
   1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
   3A Step-Down Converter
Rev. 1.1
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com