Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK212BJ226MG-T Datasheet(PDF) 8 Page - Advanced Monolithic Systems Ltd

Part # LMK212BJ226MG-T
Description  3A 20V Step-Down Converter plus 1A LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

LMK212BJ226MG-T Datasheet(HTML) 8 Page - Advanced Monolithic Systems Ltd

Back Button LMK212BJ226MG-T Datasheet HTML 4Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 5Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 6Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 7Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 8Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 9Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 10Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 11Page - Advanced Monolithic Systems Ltd LMK212BJ226MG-T Datasheet HTML 12Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
8
Fax (925) 443-0723
Typical Characteristics
220
240
260
280
300
-45
-10
25
60
95
130
Ambient Temperature (ºC)
Switching Frequency Temperature
Variation VSW out=2.5V, Vin=12V
-2.4
-1.6
-0.8
0.0
0.8
-50
-10
30
70
110
150
Ambient Temperature (ºC)
Feedback Voltage Temperature
Variation
FBLDO
FBSW
ILDO=Isw=0
VLDO out=1.8V, VSW out=2.5V
0
0.3
0.6
0.9
1.2
0
0.7
1.42.1
2.83.5
Current (A)
Step-Down Converter Power Switch
Saturation Voltage Vin=12V
Tamb = 25⁰ C
Mounted on Eval. Board
1 msec/div
Start-Up Response Vin=20V
VSW out
1V /div
VLDO out
1V /div
Ven
5V /div
IL
2A/div
2 msec/div
Start-Up Response
Enable=Vin=12V
VLDO out
1V /div
Vin
10V /div
IL
2A/div
400 µsec/div
Start-Up Response Vin=12V
VSW out
1V /div
VLDO out
1V /div
Ven
5V /div
IL
2A/div


Similar Part No. - LMK212BJ226MG-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK212BJ226MG-T TI1-LMK212BJ226MG-T Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Enpirion, Inc.
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
More results

Similar Description - LMK212BJ226MG-T

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384B BELLING-BL9384B Datasheet
2Mb / 6P
   3A, 20V High Efflxlency Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2101DQ-00A MPS-EV2101DQ-00A Datasheet
226Kb / 5P
   1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
   3A Step-Down Converter
Rev. 1.1
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com