Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3132M-XX-PG Datasheet(PDF) 8 Page - Advanced Monolithic Systems Ltd

Part # AMS3132M-XX-PG
Description  3A Fast Transient Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3132M-XX-PG Datasheet(HTML) 8 Page - Advanced Monolithic Systems Ltd

Back Button AMS3132M-XX-PG Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3132M-XX-PG Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3132M-XX-PG Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3132M-XX-PG Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3132M-XX-PG Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3132M-XX-PG Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3132M-XX-PG Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3132M-XX-PG Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS3132M-XX-PG Datasheet HTML 10Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AMS3132
3A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
8
Fax (925) 443-0723
Device Summary
The AMS3132 is a high voltage low drop out linear
regulator with a current capability of up to 3A. The
LDO has a recommended operating input voltage
range of 1.5V to 7V with an output voltage as low as
0.6V and is stable with a wide range of ceramic,
tantalum, and electrolytic output capacitors.
Shutdown/Enable
The Enable (on/off) input threshold voltage is 1.2V.
When disabled the LDO quiescent current decreases
to a typical value of <1µA.
Fault Protection
Short circuit and over-temperature shutdown disable
the converter and LDO in the event of an overload
condition. Over-temp shutdown disables the device
when the junction temperature exceeds 145 ºC. The
output current is internally limited to 6A typical.
Input Capacitor
An input bypass capacitor ranging from 1µF to 22µF
is required. The capacitor should be placed as close
as possible to the device and not be placed more than
1 inch from the LDO.
Output Capacitor
The output capacitor requirements range from the
minimum value required to guarantee stability to
larger values required to meet the extreme transient
response requirements. Values range from 10 to
22µF X5R ceramic capacitors. Due to the extreme
voltage coefficient of X5R ceramic capacitors, the
voltage rating should be at least double the maximum
applied voltage.
Adjustable Version: Feedback Resistor Selection
Choosing AMS3132 with adjustable output voltage
option allows the user to select an output voltage by
using an external resistor divider. AMS 3132 uses a
0.6V reference voltage at the positive terminal of the
error amplifier. To set the output voltage a
programming resistor from the adjust pin (ADJ) to
ground must be selected (See Pg.1). A 10kΩ resistor
is a good selection for a programming resistor R1. A
higher value may result in an excessively sensitive
feedback node while a lower value will draw more
current and degrade the light load efficiency. The
equation for selecting the voltage specific resistor is:
R2=
Vout
Vref
-1
·R1 =
5V
0.6V
-1
·10kΩ=73.2kΩ
Table 1: Adjustable Feedback Resistor values
Vout (V)
R2 (kΩ)
(R1=10kΩ)
1.8
20.0
2.5
31.6
3.3
45.3
5.0
73.2
Power Good Version
During
operation,
fault
conditions
can
occur
unexpectedly. Such conditions include input voltage
dropout (low VIN), overheating, or overloading
(excessive output current). If any of these conditions
occurs, the PG pin will set an “error flag”. The PG pin,
which is an open-collector output, will go LOW when
VOUT is less than 95% or the specified output voltage.
When the voltage at VOUT is greater than 95% of the
specified output voltage, the PG pin is HIGH. A logic
pull-up resistor of 10KΩ is recommended at this
output. The pin can be left disconnected if unused.
PCB Layout
The following guidelines should be followed to insure
proper layout.
1. VIN Capacitor. A low ESR ceramic bypass
capacitor must be placed as close to the IC as
possible.
2. Adjustable (ADJ) Feedback Resistors. The
adjustable feedback resistors should be placed as
close as possible the IC. Minimize the length of
the trace from the feedback pin to the resistors.
This is a high impedance node susceptible to
interference from external RF noise sources
3. Ground.
4. For good thermal performance vias are required
to couple the tab of the TO-263 package to the
PCB ground plane. The via diameter should be
0.3mm to 0.33mm positioned on a 1.2mm grid.
Output Power and Thermal Limits
The AMS3132 junction temperature and current
capability depends on the internal dissipation and the
junction to case thermal resistance of the TO-263
exposed tab packages. Additionally, the tab paddle
and PCB temperature will be elevated due to the total
losses of the LDO and of other circuits mounted to the
PCB.
Tjmax=Pd·θjc+Tpcb+Tamb
The internal losses contribute to the junction
temperature rise above the paddle and PCB
temperature.


Similar Part No. - AMS3132M-XX-PG

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3132M-XX-PG ADMOS-AMS3132M-XX-PG Datasheet
439Kb / 10P
   Current Limit protection
More results

Similar Description - AMS3132M-XX-PG

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3131 AMS-AMS3131 Datasheet
319Kb / 9P
   3A Fast Transient Linear Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3120 AMS-AMS3120 Datasheet
409Kb / 9P
   2A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
logo
Advanced Monolithic Sys...
AMS3121 AMS-AMS3121 Datasheet
327Kb / 9P
   2A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
Monolithic Power System...
MP2040 MPS-MP2040 Datasheet
383Kb / 12P
   Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com