Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3132 Datasheet(PDF) 9 Page - Advanced Monolithic Systems Ltd

Part # AMS3132
Description  3A Fast Transient Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3132 Datasheet(HTML) 9 Page - Advanced Monolithic Systems Ltd

Back Button AMS3132 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 10Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AMS3132
3A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
9
Fax (925) 443-0723
Figure 4: AMS3132 TO-263 5-Pin Evaluation Board
Top Side
Figure 5: AMS3132 TO-263 5-Pin Evaluation Board
Bottom Side
Figure6: AMS3132 Universal Evaluation Board Schematic
Table 2: AMS3132 Universal Evaluation Board Bill of Material
Component Value
Manufacturer
AMS3132 Version
Manufacturer Part Number
C1,C2
22µF, 10V, X5R, 0805,
Ceramic
Taiyo Yuden
any
LMK212BJ226MG-T
C3,C5,C4,C6
Optional
any
C7
Optional
any
R1
10kΩ, 0.1W, 0603 1%
Various
AMS3132M, or
AMS3132-XX-PG
CRCW060310K0FKEA
R2
See table 2
Various
AMS3132M, or
AMS3132-XX-PG
CRCW0603xxKxFKEA
10kΩ, 0.1W, 0603 1%
Various
AMS3132M-PG
CRCW060310K0FKEA
R3
10kΩ, 0.1W, 0603 1%
Various
AMS3132-XX-PG
CRCW060310K0FKEA
C1, C2 22uF X5R 1210 10V Ceramic Capaci tor
C2
22uF
Vin
Vout
C1
22uF
R1 *4
10k
R2 *3
Enable/PG
C5 *1
470uF
C6 *2
22uF
C3 *1
470uF
C4 *2
22uF
gnd
gnd
gnd
C7 *6
*1. Optional Electrolyti c Capaci tor in place of Ceramic Capacitor
*2. Optional Tantalum Capacitor in place of Ceramic Capacitor
GND
3
ADJ/PG
5
GND
6
EN/PG
1
VIN
2
VOUT
4
U1
AMS3132
PG
R3 *5
10k
*3. 10k for AMS3132M-PG, Table 2 for AMS3132M and AMS3132-XX-PG
*4. Not used for AMS3132M-PG, 10k for AMS3132M and AMS3132-XX-PG
*5. Not used for AMS3132M-PG and AMS3132M, 10k for AMS3132-XX-PG
*6. Optional Feedforward Capacitor (1nF to 10nF Typical)


Similar Part No. - AMS3132

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
   Current Limit protection
AMS3132M ADMOS-AMS3132M Datasheet
439Kb / 10P
   Current Limit protection
AMS3132M-PG ADMOS-AMS3132M-PG Datasheet
439Kb / 10P
   Current Limit protection
AMS3132M-XX-PG ADMOS-AMS3132M-XX-PG Datasheet
439Kb / 10P
   Current Limit protection
More results

Similar Description - AMS3132

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3131 AMS-AMS3131 Datasheet
319Kb / 9P
   3A Fast Transient Linear Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3120 AMS-AMS3120 Datasheet
409Kb / 9P
   2A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
logo
Advanced Monolithic Sys...
AMS3121 AMS-AMS3121 Datasheet
327Kb / 9P
   2A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
Monolithic Power System...
MP2040 MPS-MP2040 Datasheet
383Kb / 12P
   Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com