Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP4010SK3Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP4010SK3Q
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4010SK3Q Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP4010SK3Q Datasheet HTML 1Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 2Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 3Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 4Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 5Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 6Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMP4010SK3Q
Document number: DS38124 Rev. 1 - 2
3 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMP4010SK3Q
0.004
0.006
0.008
0.010
0.012
0.014
0
5
10
15
20
25
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current
and Gate Voltage
V
GS = -10V
V
GS = -4.5V
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0
5
10
15
20
25
30
I
D, DRAIN CURRENT(A)
Figure 5. Typical On-Resistance vs. Drain Current
and Temperature
V
GS=-4.5V
T
A =25℃
T
A =85℃
T
A =150℃
T
A =125℃
T
A =-55℃
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.4
0.8
1.2
1.6
2
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = -10.0V
V
GS = -5.0V
V
GS =-4.5V
V
GS =-4.0V
V
GS =-3.5V
V
GS=-2.5V
V
GS=-3.0V
0
4
8
12
16
20
1
1.5
2
2.5
3
3.5
4
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2.Typical Transfer Characteristic
V
DS= -5.0V
T
A =150℃
T
A =125℃
T
A = -55℃
T
A = 25℃
T
A =85℃
0
0.005
0.01
0.015
0.02
0.025
0.03
0
5
10
15
20
25
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4.Typical Transfer Characteristic
I
D = -9.8A
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6.On-Resistance Variation with Temperature
V
GS=-4.5V, ID = -9.8A
V
GS=-10V, ID = -9.8A


Similar Part No. - DMP4010SK3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4010SK3 DIODES-DMP4010SK3 Datasheet
503Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
October 2015
DMP4010SK3-13 DIODES-DMP4010SK3-13 Datasheet
503Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
October 2015
More results

Similar Description - DMP4010SK3Q

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com