Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP4010SK3Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP4010SK3Q
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4010SK3Q Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP4010SK3Q Datasheet HTML 1Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 2Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 3Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 4Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 5Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 6Page - Diodes Incorporated DMP4010SK3Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMP4010SK3Q
Document number: DS38124 Rev. 1 - 2
1 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMP4010SK3Q
P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) Max
ID
TC = +25°C
-40V
9.9m
 @ VGS = -10V
-50A
14m
 @ VGS = -4.5V
-45A
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Applications
DC-DC Converters
Power Management Functions
Backlighting
Features and Benefits
100% Unclamped Inductive Switch (UIS) Test in Production
Low On-Resistance
Fast Switching Speed
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: TO252
Case Material: Molded Plastic, ―Green‖ Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– Matte Tin Finish Annealed over Copper
Leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.33 grams (Approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
DMP4010SK3Q-13
TO252
2,500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Equivalent Circuit
G
S
D
D
Top View
Pin-Out
Top View
TO252
Green
e3
YYWW
P4010S
.
= Manufacturer’s Marking
P4010S = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 15 = 2015)
WW = Week (01 to 53)
D
S
G


Similar Part No. - DMP4010SK3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4010SK3 DIODES-DMP4010SK3 Datasheet
503Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
October 2015
DMP4010SK3-13 DIODES-DMP4010SK3-13 Datasheet
503Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
October 2015
More results

Similar Description - DMP4010SK3Q

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com