Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3008SFGQ-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP3008SFGQ-13
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3008SFGQ-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP3008SFGQ-13 Datasheet HTML 1Page - Diodes Incorporated DMP3008SFGQ-13 Datasheet HTML 2Page - Diodes Incorporated DMP3008SFGQ-13 Datasheet HTML 3Page - Diodes Incorporated DMP3008SFGQ-13 Datasheet HTML 4Page - Diodes Incorporated DMP3008SFGQ-13 Datasheet HTML 5Page - Diodes Incorporated DMP3008SFGQ-13 Datasheet HTML 6Page - Diodes Incorporated DMP3008SFGQ-13 Datasheet HTML 7Page - Diodes Incorporated DMP3008SFGQ-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMP3008SFGQ
Document number: DS38141 Rev. 1 - 2
6 of 8
www.diodes.com
October 2015
© Diodes Incorporated
DMP3008SFGQ
0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Fig. 10 Gate Threshold Variation vs. Ambient Temperature
A
0
2
4
6
8
10
12
14
16
18
20
0.4
0.6
0.8
1.0
1.2
-V
, SOURCE-DRAIN VOLTAGE (V)
Fig. 11 Diode Forward Voltage vs. Current
SD
0
5
10
15
20
25
30
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 12 Typical Junction Capacitance
DS
100
1,000
10,000
C
oss
C
rss
f = 1MHz
C
iss
0
5
10
15
20
25
30
-V
, DRAIN-SOURCE VOLTAGE(V)
Fig. 13 Typical Drain-Source Leakage Current vs. Voltage
DS
1
10
100
1,000
10,000
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
0
10
20
30
40
50
60
Q , TOTAL GATE CHARGE (nC)
Fig. 14 Gate-Charge Characteristics
g
0
2
4
6
8
10


Similar Part No. - DMP3008SFGQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3008SFG DIODES-DMP3008SFG Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3008SFG DIODES-DMP3008SFG Datasheet
539Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3008SFG-13 DIODES-DMP3008SFG-13 Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3008SFG-13 DIODES-DMP3008SFG-13 Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3008SFG-7 DIODES-DMP3008SFG-7 Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3008SFGQ-13

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com